データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMF5.0AT1G データシート (PDF) - Littelfuse

SMF5.0AT1G Datasheet PDF - Littelfuse
部品番号 SMF5.0AT1G
ダウンロード  SMF5.0AT1G ダウンロード

ファイルサイズ   849.16 Kbytes
ページ   5 Pages
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
部品情報 The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage

SMF5.0AT1G Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SMF5.0AT1G Datasheet PDF - Littelfuse

部品番号 SMF5.0AT1G
ダウンロード  SMF5.0AT1G Click to download

ファイルサイズ   849.16 Kbytes
ページ   5 Pages
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
部品情報 The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage

SMF5.0AT1G データシート (HTML) - Littelfuse

SMF5.0AT1G Datasheet HTML 1Page - Littelfuse SMF5.0AT1G Datasheet HTML 2Page - Littelfuse SMF5.0AT1G Datasheet HTML 3Page - Littelfuse SMF5.0AT1G Datasheet HTML 4Page - Littelfuse SMF5.0AT1G Datasheet HTML 5Page - Littelfuse

SMF5.0AT1G 製品詳細

Description
The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage, high energy transients. Excellent clamping capability, high surge capability, low zener impedance and fast response time. Because of its small size, it is ideal for use in cellular phones, portable devices, business machines, power supplies and many other industrial/consumer applications.

Features
• Stand−off Voltage: 5 − 58 Volts
• Peak Power − 200 Watts @ 1 ms (SMF5.0A − SMF58A)
• Low Leakage
• Response Time is Typically < 1 ns
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• ESD Rating of Level 4 (8 kV Contact Discharge) per IEC61000−4−2
• EFT (Electrical Fast Transients) Rating of 40 A per IEC61000−4−4
• Low Profile − Maximum Height of 1.0 mm
• Small Footprint − Footprint Area of 8.45 mm2
• Supplied in 8 mm Tape and Reel − 3,000 Units per Reel
• Cathode Indicated by Polarity Band
• Lead Orientation in Tape: Cathode Lead to Sprocket Holes
• These Devices are Pb−Free and are RoHS Compliant Bi-directional




同様の部品番号 - SMF5.0AT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


同様の説明 - SMF5.0AT1G

メーカー部品番号データシート部品情報
logo
Littelfuse
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
   The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
   The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
   The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
SZ1SMB LITTELFUSE-SZ1SMB Datasheet
800Kb / 8P
   The SZ1SMB series is designed to protect voltage sensitive components from high voltage
1PMT5.0AT1G-T3G LITTELFUSE-1PMT5.0AT1G-T3G Datasheet
647Kb / 5P
   The 1PMT5.0AT1G/T3G Series is designed to protect voltage sensitive components from high voltage
logo
Guangdong Youtai Semico...
ESD5B5.0ST1G UMW-ESD5B5.0ST1G Datasheet
304Kb / 3P
   The ESD5B5.0ST1G Series is designed to protect voltage sensitive components from ESD.
logo
Littelfuse
SA5-0A-D LITTELFUSE-SA5-0A-D Datasheet
308Kb / 5P
   The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
   The LESD3Z5.0CMT1G is designed to protect voltage
More results




Littelfuse について


Littelfuseは、回路保護および制御製品の設計と製造を専門とするアメリカの会社です。
同社は1927年に設立され、イリノイ州シカゴに本社を置いています。
Littelfuseは、ヒューズ、保護および制御装置、ポリマー製品など、幅広い製品を提供しています。
同社の製品は、自動車、産業、家電などのさまざまなアプリケーションで使用されています。
Littelfuseは、回路保護および制御技術に関する専門知識と、高品質で信頼できる製品を顧客に提供する能力で知られています。
同社は世界中のさまざまな国に運営と施設を持ち、顧客と緊密に連携して、特定の要件とニーズを満たすカスタマイズされたソリューションを提供しています。
コアビジネスに加えて、Littelfuseは再生可能エネルギーおよびデータセンター市場向けのソリューションも提供しています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com