データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N2839RB データシート (PDF) - Microsemi Corporation

1N2839RB Datasheet PDF - Microsemi Corporation
部品番号 1N2839RB
ダウンロード  1N2839RB ダウンロード

ファイルサイズ   236.84 Kbytes
ページ   4 Pages
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
部品情報 50 Watt Zener Diodes

1N2839RB Datasheet (PDF)

Go To PDF Page ダウンロード データシート
1N2839RB Datasheet PDF - Microsemi Corporation

部品番号 1N2839RB
ダウンロード  1N2839RB Click to download

ファイルサイズ   236.84 Kbytes
ページ   4 Pages
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
部品情報 50 Watt Zener Diodes

1N2839RB データシート (HTML) - Microsemi Corporation

1N2839RB Datasheet HTML 1Page - Microsemi Corporation 1N2839RB Datasheet HTML 2Page - Microsemi Corporation 1N2839RB Datasheet HTML 3Page - Microsemi Corporation 1N2839RB Datasheet HTML 4Page - Microsemi Corporation

1N2839RB 製品詳細

DESCRIPTION
These high power 50 W Zener diodes represented by the JEDEC registered 1N2804 thru 1N2846B and 1N4557 thru 1N4564B series provide voltage regulation in a selection over a 3.9 V to 200 V broad range of voltages. They may be operated up to 50 W with adequate mounting and heat sinking with their low thermal resistance. These Zeners are also available in JAN, JANTX, JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N2804 thru 1N2846B and 1N4557 thru 1N4564B
• Internal solder bond construction
• Hermetically sealed (welded)
• Zener Voltage 3.9V to 200V.
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/114 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening; (e.g. JANTX1N2804B, etc.
• Standard polarity is anode to case
• Reverse polarity with cathode to case by designating R suffix in part number, e.g. 1N2804RB, etc.
• Consult factory for surface mount equivalents

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Standard voltage tolerances are +/- 5% with B suffix, +/-10% with an A suffix, and +/-20% with no suffix
• Consult factory for +/-2% or +/-1% with a C or D suffix respectively
• Reverse polarity available
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Inherently radiation hard as described in Microsemi MicroNote 050




同様の部品番号 - 1N2839RB

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N2839 MOTOROLA-1N2839 Datasheet
145Kb / 4P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2839 NJSEMI-1N2839 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
logo
Microsemi Corporation
1N2839A MICROSEMI-1N2839A Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N2839B MICROSEMI-1N2839B Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N2839B MICROSEMI-1N2839B Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
More results


同様の説明 - 1N2839RB

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results




Microsemi Corporation について


Microsemi Corporationは、半導体およびシステムソリューションの設計と製造に特化したアメリカの会社でした。
同社は1960年に設立され、カリフォルニア州アリソビエホに本社を置いていました。
Microsemiは、アナログおよび混合シグナル統合回路、フィールドプログラム可能なゲートアレイ(FPGA)、電力管理および制御製品、およびその他の半導体溶液など、幅広い製品を提供しました。
同社の製品は、防衛とセキュリティ、航空宇宙と航空、産業、通信などのさまざまなアプリケーションで使用されていました。
Microsemiは、半導体テクノロジーの専門知識と、高品質で信頼できる製品を顧客に提供する能力で知られていました。
2018年、Microsemiは、マイクロコントローラー、混合シグナル、アナログ、およびセキュリティ製品の大手プロバイダーであるMicrochip Technologyに買収されました。
Microsemiブランドはもはや使用されていませんが、そのテクノロジーと製品はMicrochipのポートフォリオの一部であり続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com