メーカー | 部品番号 | データシート | 部品情報 |
PHOENIX CONTACT |
2702519
|
46Kb / 2P |
Special alignment tool for the accurate mounting of connectors on the leaky wave conductors.
|
TE Connectivity Ltd |
408-8639
|
28Kb / 1P |
Push the tool into the contact cavity on the locking lance side of the connector
|
PHOENIX CONTACT |
FLLCXCON-N
|
44Kb / 2P |
The length of the leaky wave conductor must be adapted to the special length in the application. Connectors are then installed at both cable ends. Wireless devices can be connected to these via a flexible connecting cable.
|
PLUSCON-RCS
|
68Kb / 2P |
Special pipe spanner, tool for mounting the M23 connector housing (with assembly), for coupling and sleeve housing
|
Molex Electronics Ltd. |
0640050185
|
51Kb / 1P |
Special Crimp Head Locator for the AT-200 Pneumatic Hand Tool
|
0640050190
|
51Kb / 1P |
Special Crimp Head Locator for the AT-200 Pneumatic Hand Tool
|
Tyco Electronics |
408-8647
|
97Kb / 2P |
Press down evenly on the tool until the rear leg bottoms on the pc board.
|
PHOENIX CONTACT |
3212172
|
69Kb / 4P |
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system and by easy and tool-free wiring of conductors with ferrules or solid conductors
|
Tyco Electronics |
408-10057
|
86Kb / 2P |
Press down evenly on the extraction tool until it bottoms on the chicklet
|
Freescale Semiconductor... |
S9S08SL8F1CTJ
|
2Mb / 356P |
provides the functional version of the on-chip modules
|