メーカー | 部品番号 | データシート | 部品情報 |
Kemet Corporation |
PHBC24N-2R1B0039V
|
117Kb / 1P |
KEMET, PHBC, AC Line Filters, Normal Mode, 39 uH, 20%
|
SN13-300
|
79Kb / 1P |
KEMET, SN, AC Line Filters, Normal Mode, 51 uH, MIN
|
HHBC24N-2R1B0039V
|
118Kb / 1P |
KEMET, HHBC, AC Line Filters, Normal Mode, 39 uH, 20%
|
HHBC20-1R7A0152V
|
118Kb / 1P |
KEMET, HHBC, AC Line Filters, Normal Mode, 152 uH, 20%
|
HHBC8S-0R6A0067V
|
118Kb / 1P |
KEMET, HHBC, AC Line Filters, Normal Mode, 67 uH, 20%
|
SN10-300J
|
71Kb / 1P |
KEMET, SN-J, AC Line Filters, Normal Mode, 40 uH
|
SN8S-400JB
|
80Kb / 1P |
KEMET, SN-JB, AC Line Filters, Normal Mode, 46 uH
|
SN13-500
|
79Kb / 1P |
KEMET, SN, AC Line Filters, Normal Mode, 143 uH, MIN
|
SN8S-300JB
|
81Kb / 1P |
KEMET, SN-JB, AC Line Filters, Normal Mode, 26 uH
|
SN8S-400JA
|
71Kb / 1P |
KEMET, SN-JA, AC Line Filters, Normal Mode, 46 uH
|