データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1228S14-2.7A データシート (PDF) - Intersil Corporation

X1228S14-2.7A Datasheet PDF - Intersil Corporation
部品番号 X1228S14-2.7A
ダウンロード  X1228S14-2.7A ダウンロード

ファイルサイズ   430.59 Kbytes
ページ   29 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228S14-2.7A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
X1228S14-2.7A Datasheet PDF - Intersil Corporation

部品番号 X1228S14-2.7A
ダウンロード  X1228S14-2.7A Click to download

ファイルサイズ   430.59 Kbytes
ページ   29 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228S14-2.7A データシート (HTML) - Intersil Corporation

Back Button X1228S14-2.7A Datasheet HTML 1Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 2Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 3Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 4Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 5Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 6Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 7Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 8Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 9Page - Intersil Corporation X1228S14-2.7A Datasheet HTML 10Page - Intersil Corporation Next Button 

X1228S14-2.7A 製品詳細

Real Time Clock/Calendar/CPU Supervisor with EEPROM



FEATURES

• Real Time Clock/Calendar

   — Tracks Time in Hours, Minutes, and Seconds

   — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

   — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

   — Repeat Mode (periodic interrupts)

• Oscillator Compensation on Chip

   — Internal Feedback Resistor and Compensation Capacitors

   — 64 Position Digitally Controlled Trim Capacitor

   — 6 Digital Frequency Adjustment Settings to ±30ppm

• CPU Supervisor Functions

   — Power-On Reset, Low Voltage Sense

   — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

   — 64-Byte Page Write Mode

   — 8 Modes of Block Lock™ Protection

   — Single Byte Write Capability

• High Reliability

   — Data Retention: 100 Years

   — Endurance: 100,000 Cycles Per Byte

• 2-Wire™ Interface Interoperable with I2C*

   — 400kHz Data Transfer Rate

• Frequency Output (SW Selectable: Off, 1Hz, 4096Hz, or 32.768kHz)

• Low Power CMOS

   — 1.25µA Operating Current (Typical)

• Small Package Options

   — 14 Ld SOIC and 14 Ld TSSOP

• Repetitive Alarms

• Temperature Compensation

• Pb-Free Plus Anneal Available (RoHS Compliant)



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio/Video Components

• Set Top Box/Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers/PDA

• POS Equipment

• Test Meters/Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial/Medical/Automotive



 




同様の部品番号 - X1228S14-2.7A

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228S14-2.7A XICOR-X1228S14-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14-2.7A INTERSIL-X1228S14-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14-2.7A RENESAS-X1228S14-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


同様の説明 - X1228S14-2.7A

メーカー部品番号データシート部品情報
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com