データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC3303P データシート (PDF) - ON Semiconductor

MC3303P Datasheet PDF - ON Semiconductor
部品番号 MC3303P
ダウンロード  MC3303P ダウンロード

ファイルサイズ   165.3 Kbytes
ページ   8 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS

MC3303P Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC3303P Datasheet PDF - ON Semiconductor

部品番号 MC3303P
ダウンロード  MC3303P Click to download

ファイルサイズ   165.3 Kbytes
ページ   8 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS

MC3303P データシート (HTML) - ON Semiconductor

MC3303P Datasheet HTML 1Page - ON Semiconductor MC3303P Datasheet HTML 2Page - ON Semiconductor MC3303P Datasheet HTML 3Page - ON Semiconductor MC3303P Datasheet HTML 4Page - ON Semiconductor MC3303P Datasheet HTML 5Page - ON Semiconductor MC3303P Datasheet HTML 6Page - ON Semiconductor MC3303P Datasheet HTML 7Page - ON Semiconductor MC3303P Datasheet HTML 8Page - ON Semiconductor

MC3303P 製品詳細

The MC3403 is a low cost, quad operational amplifier with true differential inputs. The device has electrical characteristics similar to the popular MC1741C. However, the MC3403 has several distinct advantages over standard operational amplifier types in single supply applications. The quad amplifier can operate at supply voltages as low as 3.0 V or as high as 36 V with quiescent currents about one third of those associated with the MC1741C (on a per amplifier basis). The common mode input range includes the negative supply, thereby eliminating the necessity for external biasing components in many applications. The output voltage range also includes the negative power supply voltage.



Features

• Short Circuit Protected Outputs

• Class AB Output Stage for Minimal Crossover Distortion

• True Differential Input Stage

• Single Supply Operation: 3.0 V to 36 V

• Split Supply Operation: ±1.5 V to ±18 V

• Low Input Bias Currents: 500 nA Max

• Four Amplifiers Per Package

• Internally Compensated

• Similar Performance to Popular MC1741C

• Industry Standard Pin−outs

• ESD Diodes Added for Increased Ruggedness

• Pb−Free Packages are Available



 




同様の部品番号 - MC3303P

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MC3303P STMICROELECTRONICS-MC3303P Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Fairchild Semiconductor
MC3303P FAIRCHILD-MC3303P Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3303P ONSEMI-MC3303P Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3303P ONSEMI-MC3303P Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
MC3303PG ONSEMI-MC3303PG Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results


同様の説明 - MC3303P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458 Datasheet
158Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
REV 0
logo
Texas Instruments
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
   Quad Differential Input Operational Amplifier
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
More results




ON Semiconductor について


「ON Semiconductorは、自動車、コンピューティング、消費財、産業、通信市場など、さまざまなアプリケーション向けに幅広い半導体製品を設計、開発、製造する公開企業です。
同社は1999年に設立され、アリゾナ州フェニックスに本社を置いています。
Semiconductorは、電源MOSFET、ダイオード、整流器、電圧レギュレーターなど、電力管理、アナログ、離散半導体の幅広いポートフォリオを提供します。
同社の製品は、エネルギー効率が高く、信頼性が高く、費用対効果が高いように設計されており、ポータブルエレクトロニクス、産業自動化システム、再生可能エネルギーシステム、自動車用エレクトロニクスなど、さまざまなアプリケーションで使用されています。
Semiconductorは、イノベーションと顧客満足度に取り組んでおり、お客様のニーズを満たすために最高の半導体ソリューションを提供することに取り組んでいます。」

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com