データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC78T00 データシート (PDF) - ON Semiconductor

MC78T00 Datasheet PDF - ON Semiconductor
部品番号 MC78T00
ダウンロード  MC78T00 ダウンロード

ファイルサイズ   162.63 Kbytes
ページ   12 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS

MC78T00 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC78T00 Datasheet PDF - ON Semiconductor

部品番号 MC78T00
ダウンロード  MC78T00 Click to download

ファイルサイズ   162.63 Kbytes
ページ   12 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS

MC78T00 データシート (HTML) - ON Semiconductor

Back Button MC78T00 Datasheet HTML 1Page - ON Semiconductor MC78T00 Datasheet HTML 2Page - ON Semiconductor MC78T00 Datasheet HTML 3Page - ON Semiconductor MC78T00 Datasheet HTML 4Page - ON Semiconductor MC78T00 Datasheet HTML 5Page - ON Semiconductor MC78T00 Datasheet HTML 6Page - ON Semiconductor MC78T00 Datasheet HTML 7Page - ON Semiconductor MC78T00 Datasheet HTML 8Page - ON Semiconductor MC78T00 Datasheet HTML 9Page - ON Semiconductor MC78T00 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC78T00 製品詳細

3.0 A Positive Voltage Regulators

This family of fixed voltage regulators are monolithic integrated circuits capable of driving loads in excess of 3.0 A. These three−terminal regulators employ internal current limiting, thermal shutdown, and safe−area compensation. Devices are available with improved specifications, including a 2% output voltage tolerance, on AC−suffix 5.0 V, 12 V and 15 V device types.
Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents. This series of devices can be used with a series−pass transistor to supply up to 15 A at the nominal output voltage.

voltage.
• Output Current in Excess of 3.0 A
• Power Dissipation: 25 W
• No External Components Required
• Output Voltage Offered in 2% and 4% Tolerance*
• Thermal Regulation is Specified
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe−Area Compensation
• Pb−Free Packages are Available




同様の部品番号 - MC78T00

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results


同様の説明 - MC78T00

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results




ON Semiconductor について


「ON Semiconductorは、自動車、コンピューティング、消費財、産業、通信市場など、さまざまなアプリケーション向けに幅広い半導体製品を設計、開発、製造する公開企業です。
同社は1999年に設立され、アリゾナ州フェニックスに本社を置いています。
Semiconductorは、電源MOSFET、ダイオード、整流器、電圧レギュレーターなど、電力管理、アナログ、離散半導体の幅広いポートフォリオを提供します。
同社の製品は、エネルギー効率が高く、信頼性が高く、費用対効果が高いように設計されており、ポータブルエレクトロニクス、産業自動化システム、再生可能エネルギーシステム、自動車用エレクトロニクスなど、さまざまなアプリケーションで使用されています。
Semiconductorは、イノベーションと顧客満足度に取り組んでおり、お客様のニーズを満たすために最高の半導体ソリューションを提供することに取り組んでいます。」

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com