データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4126CUR データシート (PDF) - Microsemi Corporation

1N4126CUR Datasheet PDF - Microsemi Corporation
部品番号 1N4126CUR
ダウンロード  1N4126CUR ダウンロード

ファイルサイズ   189.46 Kbytes
ページ   3 Pages
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
部品情報 GLASS SURFACE MOUNT 0.5 WATT ZENERS

1N4126CUR Datasheet (PDF)

Go To PDF Page ダウンロード データシート
1N4126CUR Datasheet PDF - Microsemi Corporation

部品番号 1N4126CUR
ダウンロード  1N4126CUR Click to download

ファイルサイズ   189.46 Kbytes
ページ   3 Pages
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
部品情報 GLASS SURFACE MOUNT 0.5 WATT ZENERS

1N4126CUR データシート (HTML) - Microsemi Corporation

1N4126CUR Datasheet HTML 1Page - Microsemi Corporation 1N4126CUR Datasheet HTML 2Page - Microsemi Corporation 1N4126CUR Datasheet HTML 3Page - Microsemi Corporation

1N4126CUR 製品詳細

DESCRIPTION

The 1N4099UR thru 1N4135UR and 1N4614UR thru 1N4627UR series of 0.5 watt glass surface mount DO-213AA Zener voltage regulators provides a selection from 1.8 to 100 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These are also available with an internal-metallurgical-bond option by adding a “-1” suffix (see separate data sheet) including JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.



FEATURES

• Surface mount equivalent to JEDEC registered 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series

• Internal metallurgical bond option available by adding a “-1” suffix that also includes JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/435 (see separate data sheet for same part numbers with “-1” suffix)

• DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series



APPLICATIONS / BENEFITS

• Regulates voltage over a broad operating current and temperature range

• Extensive selection from 1.8 to 100 V

• Standard voltage tolerances are plus/minus 5% with no suffix

• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively

• Hermetically sealed surface mount package

• Nonsensitive to ESD per MIL-STD-750 Method 1020

• Minimal capacitance (see Figure 3)

• Inherently radiation hard as described in Microsemi MicroNote 050



 




同様の部品番号 - 1N4126CUR

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4126CUR-1 MICROSEMI-1N4126CUR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results


同様の説明 - 1N4126CUR

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
   0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results




Microsemi Corporation について


Microsemi Corporationは、半導体およびシステムソリューションの設計と製造に特化したアメリカの会社でした。
同社は1960年に設立され、カリフォルニア州アリソビエホに本社を置いていました。
Microsemiは、アナログおよび混合シグナル統合回路、フィールドプログラム可能なゲートアレイ(FPGA)、電力管理および制御製品、およびその他の半導体溶液など、幅広い製品を提供しました。
同社の製品は、防衛とセキュリティ、航空宇宙と航空、産業、通信などのさまざまなアプリケーションで使用されていました。
Microsemiは、半導体テクノロジーの専門知識と、高品質で信頼できる製品を顧客に提供する能力で知られていました。
2018年、Microsemiは、マイクロコントローラー、混合シグナル、アナログ、およびセキュリティ製品の大手プロバイダーであるMicrochip Technologyに買収されました。
Microsemiブランドはもはや使用されていませんが、そのテクノロジーと製品はMicrochipのポートフォリオの一部であり続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com