データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1GT04 データシート (PDF) - E-Tech Electronics LTD

MC74VHC1GT04 Datasheet PDF - E-Tech Electronics LTD
部品番号 MC74VHC1GT04
ダウンロード  MC74VHC1GT04 ダウンロード

ファイルサイズ   581.44 Kbytes
ページ   4 Pages
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
部品情報 Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

MC74VHC1GT04 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC74VHC1GT04 Datasheet PDF - E-Tech Electronics LTD

部品番号 MC74VHC1GT04
ダウンロード  MC74VHC1GT04 Click to download

ファイルサイズ   581.44 Kbytes
ページ   4 Pages
メーカー  ETL [E-Tech Electronics LTD]
ホームページ  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
部品情報 Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs

MC74VHC1GT04 データシート (HTML) - E-Tech Electronics LTD

MC74VHC1GT04 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1GT04 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1GT04 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1GT04 Datasheet HTML 4Page - E-Tech Electronics LTD

MC74VHC1GT04 製品詳細

The MC74VHC1GT04 is a single gate inverting buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.

The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.

The device input is compatible with TTL–type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.



• High Speed: t PD = 3.8 ns (Typ) at V CC = 5 V

• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C

• TTL–Compatible Inputs: V IL= 0.8 V; V IH = 2.0 V

• CMOS–Compatible Outputs: V OH > 0.8 V CC ;

  V OL < 0.1 V CC @Load

• Power Down Protection Provided on Inputs and Outputs

• Balanced Propagation Delays

• Pin and Function Compatible with Other Standard Logic Families

• Chip Complexity: FETs = 105; Equivalent Gates = 26 PIN ASSIGNMENT



 




同様の部品番号 - MC74VHC1GT04

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
186Kb / 8P
   Inverting Buffer/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
206Kb / 15P
   Single Inverter
November, 2018 ??Rev. 17
More results


同様の説明 - MC74VHC1GT04

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
Leshan Radio Company
MC74VHC1GT50 LRC-MC74VHC1GT50 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT125 ONSEMI-MC74VHC1GT125 Datasheet
105Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
December, 2003 ??Rev. 8
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com