データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SHE144PGIE データシート (PDF) - AUK corp

SHE144PGIE Datasheet PDF - AUK corp
部品番号 SHE144PGIE
ダウンロード  SHE144PGIE ダウンロード

ファイルサイズ   282.49 Kbytes
ページ   5 Pages
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp
部品情報 Oval Type High Efficiency LED Lamp

SHE144PGIE Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SHE144PGIE Datasheet PDF - AUK corp

部品番号 SHE144PGIE
ダウンロード  SHE144PGIE Click to download

ファイルサイズ   282.49 Kbytes
ページ   5 Pages
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp
部品情報 Oval Type High Efficiency LED Lamp

SHE144PGIE データシート (HTML) - AUK corp

SHE144PGIE Datasheet HTML 1Page - AUK corp SHE144PGIE Datasheet HTML 2Page - AUK corp SHE144PGIE Datasheet HTML 3Page - AUK corp SHE144PGIE Datasheet HTML 4Page - AUK corp SHE144PGIE Datasheet HTML 5Page - AUK corp

SHE144PGIE 製品詳細

Features
• Green colored transparency lens type
• Ellipse type(X=4.6mm, Y=5.8mm)
• Ultra luminosity
• Flangeless package
• High power LEDs
• Oval shape
• View Angle : 70˚ / 34˚
• E ; ESD Protected (±2.0KV, 3 times @100pF, 1.5KΩ)

Application
• Full color displays
• Message boards
• Variable message signs(VMS)




同様の部品番号 - SHE144PGIE

メーカー部品番号データシート部品情報
logo
AUK corp
SHE144PGI-B AUK-SHE144PGI-B Datasheet
242Kb / 4P
   High Efficiency LED Lamp
More results


同様の説明 - SHE144PGIE

メーカー部品番号データシート部品情報
logo
AUK corp
SHE134OF AUK-SHE134OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144PGHE AUK-SHE144PGHE Datasheet
282Kb / 5P
   Oval Type High Efficiency LED Lamp
SHE155BFE AUK-SHE155BFE Datasheet
247Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144RE AUK-SHE144RE Datasheet
196Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155AE AUK-SHE155AE Datasheet
223Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGHE AUK-SHE145PGHE Datasheet
282Kb / 5P
   Oval Type High Efficiency LED Lamp
SHE133OF AUK-SHE133OF Datasheet
234Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE134BGE AUK-SHE134BGE Datasheet
257Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE144MC AUK-SHE144MC Datasheet
199Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE145PGIE AUK-SHE145PGIE Datasheet
221Kb / 4P
   Oval Type High Efficiency LED Lamp
SHE155PGIE AUK-SHE155PGIE Datasheet
251Kb / 4P
   Oval Type High Efficiency LED Lamp
More results




AUK corp について


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com