データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P6KE13A-G データシート (PDF) - Comchip Technology

P6KE13A-G Datasheet PDF - Comchip Technology
部品番号 P6KE13A-G
ダウンロード  P6KE13A-G ダウンロード

ファイルサイズ   132.79 Kbytes
ページ   5 Pages
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
部品情報 600W Transient Voltage Suppressor

P6KE13A-G Datasheet (PDF)

Go To PDF Page ダウンロード データシート
P6KE13A-G Datasheet PDF - Comchip Technology

部品番号 P6KE13A-G
ダウンロード  P6KE13A-G Click to download

ファイルサイズ   132.79 Kbytes
ページ   5 Pages
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
部品情報 600W Transient Voltage Suppressor

P6KE13A-G データシート (HTML) - Comchip Technology

P6KE13A-G Datasheet HTML 1Page - Comchip Technology P6KE13A-G Datasheet HTML 2Page - Comchip Technology P6KE13A-G Datasheet HTML 3Page - Comchip Technology P6KE13A-G Datasheet HTML 4Page - Comchip Technology P6KE13A-G Datasheet HTML 5Page - Comchip Technology

P6KE13A-G 製品詳細

Stand-off Voltage: 6.8 ~ 600V Power Dissipation: 600 Watts RoHS Device

Features
-Plastic package has underwriters laboratory flammability classification 94V-0
-600W, surge capability at 1mS.
-Excellent clamping capability.
-Low Zener impedance.
-Fast response time: typically less than 1.0pS from 0 volt to BV min.
-Typical IR less than 1μA above 10V.




同様の部品番号 - P6KE13A-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
P6KE13A-G COMCHIP-P6KE13A-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
More results


同様の説明 - P6KE13A-G

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results




Comchip Technology について


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com