データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL2101AAR3Z データシート (PDF) - Intersil Corporation

ISL2101AAR3Z Datasheet PDF - Intersil Corporation
部品番号 ISL2101AAR3Z
ダウンロード  ISL2101AAR3Z ダウンロード

ファイルサイズ   258.32 Kbytes
ページ   11 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 100V, 2A Peak, High Frequency Half-Bridge Drivers

ISL2101AAR3Z Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL2101AAR3Z Datasheet PDF - Intersil Corporation

部品番号 ISL2101AAR3Z
ダウンロード  ISL2101AAR3Z Click to download

ファイルサイズ   258.32 Kbytes
ページ   11 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 100V, 2A Peak, High Frequency Half-Bridge Drivers

ISL2101AAR3Z データシート (HTML) - Intersil Corporation

Back Button ISL2101AAR3Z Datasheet HTML 1Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 2Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 3Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 4Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 5Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 6Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 7Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 8Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 9Page - Intersil Corporation ISL2101AAR3Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL2101AAR3Z 製品詳細

The ISL2100A, ISL2101A are 100V, high frequency, half-bridge N-channel power MOSFET driver ICs. They are based on the popular HIP2100, HIP2101 half-bridge drivers, but offer several performance improvements. The ISL2100A has additional input hysteresis for superior operation in noisy environments and the inputs of the ISL2101A, like those of the ISL2100A, can now safely swing to the VDD supply rail. Finally, both parts are available in a very compact 9 Ld DFN package to minimize the required PCB footprint

Features
• Drives N-Channel MOSFET Half-Bridge
• Space-Saving DFN Package
• DFN Package Compliant with 100V Conductor Spacing Guidelines per IPC-2221
• Pb-Free (RoHS compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1Ω Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1nF Load with Typical Rise/Fall Times of 10ns
• CMOS Compatible Input Thresholds (ISL2100A)
• 3.3V/TTL Compatible Input Thresholds (ISL2101A)
• Independent Inputs Provide Flexibility
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below Ground or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Voltage Range (9V to 14V)
• Supply Undervoltage Protection
• 2.5Ω Typical Output Pull-Up/Pull-Down Resistance

Applications
• Telecom Half-Bridge Converters
• Telecom Full-Bridge Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
• Class-D Audio Amplifiers




同様の部品番号 - ISL2101AAR3Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2101AAR3Z INTERSIL-ISL2101AAR3Z Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2101AAR3Z INTERSIL-ISL2101AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL2101AAR3Z RENESAS-ISL2101AAR3Z Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
More results


同様の説明 - ISL2101AAR3Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com