データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL817(S)(Y)(TA)-FVG データシート (PDF) - Everlight Electronics Co., Ltd

EL817(S)(Y)(TA)-FVG Datasheet PDF - Everlight Electronics Co., Ltd
部品番号 EL817(S)(Y)(TA)-FVG
ダウンロード  EL817(S)(Y)(TA)-FVG ダウンロード

ファイルサイズ   427.25 Kbytes
ページ   14 Pages
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
部品情報 4 PIN DIP PHOTOTRANSISTOR

EL817(S)(Y)(TA)-FVG Datasheet (PDF)

Go To PDF Page ダウンロード データシート
EL817(S)(Y)(TA)-FVG Datasheet PDF - Everlight Electronics Co., Ltd

部品番号 EL817(S)(Y)(TA)-FVG
ダウンロード  EL817(S)(Y)(TA)-FVG Click to download

ファイルサイズ   427.25 Kbytes
ページ   14 Pages
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
部品情報 4 PIN DIP PHOTOTRANSISTOR

EL817(S)(Y)(TA)-FVG データシート (HTML) - Everlight Electronics Co., Ltd

Back Button EL817(S)(Y)(TA)-FVG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL817(S)(Y)(TA)-FVG Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button 

EL817(S)(Y)(TA)-FVG 製品詳細

Description
The EL817 series of devices each consist of an infrared emitting diodes, optically coupled to a phototransistor detector encapsulated with green compound. The devices are in a 4-pin DIP package and available in wide-lead spacing and SMD option

Features:
• Halogens free.
• Current transfer ratio (CTR: 50~600% at IF =5mA, VCE =5V)
• High isolation voltage between input and output (Viso=5000 V rms )
• Creepage distance >7.62 mm
• Operating temperature up to +110°C
• Compact small outline package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved

Applications
• Programmable controllers
• System appliances, measuring instruments
• Telecommunication equipments
• Home appliances, such as fan heaters, etc.
• Signal transmission between circuits of different potentials and impedances




同様の部品番号 - EL817(S)(Y)(TA)-FVG

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
387Kb / 13P
   Photocoupler-RoHS Compliant
EL817 EVERLIGHT-EL817 Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
EL817 EVERLIGHT-EL817 Datasheet
377Kb / 12P
   Photocoupler-RoHS Compliant
logo
Shenzhen Luguang Electr...
EL817 LUGUANG-EL817 Datasheet
438Kb / 12P
   Technical Data Sheet Photocoupler-RoHS Compliant
logo
Everlight Electronics C...
EL817 EVERLIGHT-EL817 Datasheet
854Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


同様の説明 - EL817(S)(Y)(TA)-FVG

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814_10 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com