データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5346 データシート (PDF) - Fairchild Semiconductor

FAN5346 Datasheet PDF - Fairchild Semiconductor
部品番号 FAN5346
ダウンロード  FAN5346 ダウンロード

ファイルサイズ   1788.61 Kbytes
ページ   14 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Series Boost LED Driver with PWM Dimming Interface

FAN5346 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
FAN5346 Datasheet PDF - Fairchild Semiconductor

部品番号 FAN5346
ダウンロード  FAN5346 Click to download

ファイルサイズ   1788.61 Kbytes
ページ   14 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Series Boost LED Driver with PWM Dimming Interface

FAN5346 データシート (HTML) - Fairchild Semiconductor

Back Button FAN5346 Datasheet HTML 1Page - Fairchild Semiconductor FAN5346 Datasheet HTML 2Page - Fairchild Semiconductor FAN5346 Datasheet HTML 3Page - Fairchild Semiconductor FAN5346 Datasheet HTML 4Page - Fairchild Semiconductor FAN5346 Datasheet HTML 5Page - Fairchild Semiconductor FAN5346 Datasheet HTML 6Page - Fairchild Semiconductor FAN5346 Datasheet HTML 7Page - Fairchild Semiconductor FAN5346 Datasheet HTML 8Page - Fairchild Semiconductor FAN5346 Datasheet HTML 9Page - Fairchild Semiconductor FAN5346 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN5346 製品詳細

Description
The FAN5346 is an asynchronous constant-current LED driver that drives LEDs in series to ensure equal brightness for all the LEDs. FAN5346S20X has an output voltage of 20V and can drive up to 5 LEDs in series. FAN5346S30X has an output voltage of 30V and up to 8 LEDs in series. Optimized for small form-factor applications, the 1.2MHz fixed switching frequency allows the use of small inductors and capacitors.

Features
■ Asynchronous Boost Converter
■ Drives LEDs in Series:
    − FAN5346S20X: 20V Output
    − FAN5346S30X: 30V Output
■ 2.5V to 5.5V Input Voltage Range
■ PWM Dimming for LED Brightness Control
■ 5kHz to 100kHz PWM Dimming Frequency Range
■ 1.2MHz Fixed Switching Frequency
■ Soft-Start Capability
■ Input Under-Voltage Lockout (UVLO)
■ Output Over-Voltage Protection (OVP)
■ Short-Circuit Detection
■ Thermal Shutdown (TSD) Protection
■ Small Form-Factor 6-Lead SSOT23 Package

Applications
■ Cellular Mobile Handsets
■ Mobile Internet Devices
■ Portable Media Players
■ PDA, DSC, MP3 Players




同様の部品番号 - FAN5346

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results


同様の説明 - FAN5346

メーカー部品番号データシート部品情報
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
   LED Boost Driver with PWM
May, 2014
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
   Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
More results




Fairchild Semiconductor について


Fairchild Semiconductorは、1950年代後半に設立された先駆的な半導体会社でした。
同社は、最初の商用トランジスタの開発における革新と、統合回路技術の進歩への貢献で知られていました。
Fairchildは、電力半導体、アナログおよび混合シグナル統合回路、およびその他の半導体製品の大手サプライヤーになりました。
同社は2016年にSemiconductorで買収され、その製品と技術は引き続きSemiconductorブランドの下で開発および販売されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com