データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM31CR60J476M データシート (PDF) - Richtek Technology Corporation

GRM31CR60J476M Datasheet PDF - Richtek Technology Corporation
部品番号 GRM31CR60J476M
ダウンロード  GRM31CR60J476M ダウンロード

ファイルサイズ   337.26 Kbytes
ページ   13 Pages
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
部品情報 5A, 32V, 500kHz Step-Down Converter

GRM31CR60J476M Datasheet (PDF)

Go To PDF Page ダウンロード データシート
GRM31CR60J476M Datasheet PDF - Richtek Technology Corporation

部品番号 GRM31CR60J476M
ダウンロード  GRM31CR60J476M Click to download

ファイルサイズ   337.26 Kbytes
ページ   13 Pages
メーカー  RICHTEK [Richtek Technology Corporation]
ホームページ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
部品情報 5A, 32V, 500kHz Step-Down Converter

GRM31CR60J476M データシート (HTML) - Richtek Technology Corporation

Back Button GRM31CR60J476M Datasheet HTML 1Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 2Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 3Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 4Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 5Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 6Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 7Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 8Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 9Page - Richtek Technology Corporation GRM31CR60J476M Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

GRM31CR60J476M 製品詳細

General Description

The RT8289 is a step-down regulator with an internal Power MOSFET. It achieves 5A of continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization.



Features

High Output Current up to 5A

Internal Soft-Start

100mΩ Internal Power MOSFET Switch

Internal Compensation Minimizes External Parts Count

High Efficiency up to 90%

25μA Shutdown Current

Fixed 500kHz Frequency

Thermal Shutdown Protection

Cycle-by-Cycle Over Current Protection

Wide 5.5V to 32V Operating Input Range

Adjustable Output Voltage from 1.222V to 26V

Available in an SOP-8 (Exposed Pad) Package

RoHS Compliant and Halogen Free



Applications

Distributive Power Systems

LCD TV

DSL Modems

Pre-regulator for Linear Regulators

Battery Charger

 




同様の部品番号 - GRM31CR60J476M

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Murata Manufacturing Co...
GRM31CR60J476M MURATA-GRM31CR60J476M Datasheet
35Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 47關F 6.3V
logo
Richtek Technology Corp...
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
2Mb / 22P
   Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
More results


同様の説明 - GRM31CR60J476M

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
   5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
   5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
   High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
   High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com