データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCXH32245 データシート (PDF) - Fairchild Semiconductor

74LCXH32245 Datasheet PDF - Fairchild Semiconductor
部品番号 74LCXH32245
ダウンロード  74LCXH32245 ダウンロード

ファイルサイズ   177.97 Kbytes
ページ   8 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold

74LCXH32245 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
74LCXH32245 Datasheet PDF - Fairchild Semiconductor

部品番号 74LCXH32245
ダウンロード  74LCXH32245 Click to download

ファイルサイズ   177.97 Kbytes
ページ   8 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold

74LCXH32245 データシート (HTML) - Fairchild Semiconductor

74LCXH32245 Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH32245 Datasheet HTML 8Page - Fairchild Semiconductor

74LCXH32245 製品詳細

General Description
The LCXH32245 contains thirty-two non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment. The device is byte controlled. Each byte has separate control inputs which could be shorted together for full 32-bit operation.

Features
■ 5V tolerant inputs and outputs
■ 2.3V to 3.6V VCC specifications provided
■ 4.5 ns tPD max (VCC = 3.3V), 20 µA ICC max
■ Power-off high impedance inputs and outputs
■ Bushold on inputs eliminates the need for external pull-up/down resistors
■ Supports live insertion/withdrawal (Note 1)
■ ±24 mA output drive (VCC = 3.0V)
■ Uses patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
Human body model > 2000V
Machine model > 200V
■ Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




同様の部品番号 - 74LCXH32245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
STMicroelectronics
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
logo
ON Semiconductor
74LCXH162244 ONSEMI-74LCXH162244 Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCXH162244MEA FAIRCHILD-74LCXH162244MEA Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
74LCXH162244MEA ONSEMI-74LCXH162244MEA Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results


同様の説明 - 74LCXH32245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results




Fairchild Semiconductor について


Fairchild Semiconductorは、1950年代後半に設立された先駆的な半導体会社でした。
同社は、最初の商用トランジスタの開発における革新と、統合回路技術の進歩への貢献で知られていました。
Fairchildは、電力半導体、アナログおよび混合シグナル統合回路、およびその他の半導体製品の大手サプライヤーになりました。
同社は2016年にSemiconductorで買収され、その製品と技術は引き続きSemiconductorブランドの下で開発および販売されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com