データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX245 データシート (PDF) - Fairchild Semiconductor

74VCX245 Datasheet PDF - Fairchild Semiconductor
部品番号 74VCX245
ダウンロード  74VCX245 ダウンロード

ファイルサイズ   80.62 Kbytes
ページ   8 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs

74VCX245 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
74VCX245 Datasheet PDF - Fairchild Semiconductor

部品番号 74VCX245
ダウンロード  74VCX245 Click to download

ファイルサイズ   80.62 Kbytes
ページ   8 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs

74VCX245 データシート (HTML) - Fairchild Semiconductor

74VCX245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX245 Datasheet HTML 8Page - Fairchild Semiconductor

74VCX245 製品詳細

General Description
The VCX245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications.

Features
■ 1.4V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ Power-off high impedance inputs and outputs
■ Supports Live Insertion and Withdrawal (Note 1)
■ tPD
    3.5 ns max for 3.0V to 3.6V VCC
■ Static Drive (IOH/IOL)
    ±24 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latchup performance exceeds 300 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
■ Leadless DQFN Pb-Free package




同様の部品番号 - 74VCX245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
logo
Fairchild Semiconductor
74VCX245BQX FAIRCHILD-74VCX245BQX Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX245BQX ONSEMI-74VCX245BQX Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
logo
Fairchild Semiconductor
74VCX245MTC FAIRCHILD-74VCX245MTC Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results


同様の説明 - 74VCX245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results




Fairchild Semiconductor について


Fairchild Semiconductorは、1950年代後半に設立された先駆的な半導体会社でした。
同社は、最初の商用トランジスタの開発における革新と、統合回路技術の進歩への貢献で知られていました。
Fairchildは、電力半導体、アナログおよび混合シグナル統合回路、およびその他の半導体製品の大手サプライヤーになりました。
同社は2016年にSemiconductorで買収され、その製品と技術は引き続きSemiconductorブランドの下で開発および販売されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com