データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MX25L6445EM データシート (PDF) - Macronix International

MX25L6445EM Datasheet PDF - Macronix International
部品番号 MX25L6445EM
ダウンロード  MX25L6445EM ダウンロード

ファイルサイズ   2176.48 Kbytes
ページ   72 Pages
メーカー  MCNIX [Macronix International]
ホームページ  http://www.macronix.com
Logo MCNIX - Macronix International
部品情報 HIGH PERFORMANCE SERIAL FLASH SPECIFICATION

MX25L6445EM Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MX25L6445EM Datasheet PDF - Macronix International

部品番号 MX25L6445EM
ダウンロード  MX25L6445EM Click to download

ファイルサイズ   2176.48 Kbytes
ページ   72 Pages
メーカー  MCNIX [Macronix International]
ホームページ  http://www.macronix.com
Logo MCNIX - Macronix International
部品情報 HIGH PERFORMANCE SERIAL FLASH SPECIFICATION

MX25L6445EM データシート (HTML) - Macronix International

Back Button MX25L6445EM Datasheet HTML 1Page - Macronix International MX25L6445EM Datasheet HTML 2Page - Macronix International MX25L6445EM Datasheet HTML 3Page - Macronix International MX25L6445EM Datasheet HTML 4Page - Macronix International MX25L6445EM Datasheet HTML 5Page - Macronix International MX25L6445EM Datasheet HTML 6Page - Macronix International MX25L6445EM Datasheet HTML 7Page - Macronix International MX25L6445EM Datasheet HTML 8Page - Macronix International MX25L6445EM Datasheet HTML 9Page - Macronix International MX25L6445EM Datasheet HTML 10Page - Macronix International Next Button 

MX25L6445EM 製品詳細

GENERAL DESCRIPTION
MX25L6445E is 67,108,864 bits serial Flash memory, which is confgured as 8,388,608 x 8 internally. When it is in two or four I/O mode, the structure becomes 33,554,432 bits x 2 or 16,777,216 bits x 4. The MX25L6445E features a serial peripheral interface and software protocol allowing operation on a simple 3-wire bus. The three bus signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). Serial access to the device is enabled by CS# input.
MX25L6445E provides high performance read mode, which may latch address and data on both rising and falling edge of clock. By using this high performance read mode, the data throughput may be doubling. Moreover, the performance may reach direct code execution, the RAM size of the system may be reduced and further saving system cost.

FEATURES
GENERAL
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 64Mb: 67,108,864 x 1 bit structure or 33,554,432 x 2 bits (two I/O mode) structure or 16,777,216 x 4 bits (four I/O mode) structure
• 2048 Equal Sectors with 4K bytes each
   - Any Sector can be erased individually
• 256 Equal Blocks with 32K bytes each
   - Any Block can be erased individually
• 128 Equal Blocks with 64K bytes each
   - Any Block can be erased individually
• Power Supply Operation
   - 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V

PERFORMANCE
• High Performance
   VCC = 2.7~3.6V
   - Normal read
   - 50MHz
   - Fast read (Normal Serial Mode)
      - 1 I/O: 104MHz with 8 dummy cycles
      - 2 I/O: 70MHz with 4 dummy cycles
      - 4 I/O: 70MHz with 6 dummy cycles
   - Fast read (Double Transfer Rate Mode)
      - 1 I/O: 50MHz with 6 dummy cycles
      - 2 I/O: 50MHz with 6 dummy cycles
      - 4 I/O: 50MHz with 8 dummy cycles
   - Fast program time: 1.4ms(typ.) and 5ms(max.)/page (256-byte per page)
   - Byte program time: 9us (typical)
   - Continuously Program mode (automatically increase address under word program mode)
   - Fast erase time: 60ms (typ.)/sector (4K-byte per sector) ; 0.7s(typ.) /block (64K-byte per block); 50s(typ.) /chip
• Low Power Consumption
   - Low active read current: 19mA(max.) at 104MHz, 15mA(max.) at 66MHz and 10mA(max.) at 33MHz
   - Low active programming current: 25mA (max.)
   - Low active erase current: 25mA (max.)
   - Low standby current: 50uA (max.)
   - Deep power down current: 20uA (max.)
• Typical 100,000 erase/program cycles
• 20 years data retention

SOFTWARE FEATURES
• Input Data Format
   - 1-byte Command code




同様の部品番号 - MX25L6445EM

メーカー部品番号データシート部品情報
logo
Macronix International
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2I10G MCNIX-MX25L6445EM2I10G Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445EMI10G MCNIX-MX25L6445EMI10G Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


同様の説明 - MX25L6445EM

メーカー部品番号データシート部品情報
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L3255DXCI-10G MCNIX-MX25L3255DXCI-10G Datasheet
2Mb / 53P
   SECURE SERIAL FLASH SPECIFICATION
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
   High Performance Serial Backplane Transceiver
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
logo
Applied Micro Circuits ...
S2042 AMCC-S2042 Datasheet
230Kb / 20P
   HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com