データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE1202EMX データシート (PDF) - Fairchild Semiconductor

ACE1202EMX Datasheet PDF - Fairchild Semiconductor
部品番号 ACE1202EMX
ダウンロード  ACE1202EMX ダウンロード

ファイルサイズ   2121.61 Kbytes
ページ   39 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Arithmetic Controller Engine (ACEx?? for Low Power Applications

ACE1202EMX Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ACE1202EMX Datasheet PDF - Fairchild Semiconductor

部品番号 ACE1202EMX
ダウンロード  ACE1202EMX Click to download

ファイルサイズ   2121.61 Kbytes
ページ   39 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 Arithmetic Controller Engine (ACEx?? for Low Power Applications

ACE1202EMX データシート (HTML) - Fairchild Semiconductor

Back Button ACE1202EMX Datasheet HTML 1Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 2Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 3Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 4Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 5Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 6Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 7Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 8Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 9Page - Fairchild Semiconductor ACE1202EMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ACE1202EMX 製品詳細

General Description
The ACE1202 (Arithmetic Controller Engine) family of microcontrollers is a dedicated programmable monolithic inte grated circuit for applications requiring high performance, low power, and small size. It is a fully static part fabricated using CMOS technology.
The ACE1202 product family has an 8-bit microcontroller core, 64 bytes of RAM, 64 bytes of data EEPROM and 2K bytes of code EEPROM. Its on-chip peripherals include a multi-function 16-bit timer, watchdog/idle timer, and programmable undervoltage detection circuitry. The on-chip clock and reset functions reduce the number of required external components. The ACE1202 product family is available in 8- and 14-pin SOIC and DIP packages.

Features
■ Arithmetic Controller Engine
■ 2K bytes on-board code EEPROM
■ 64 bytes data EEPROM
■ 64 bytes RAM
■ Instruction set geared for block encryption
■ Watchdog
■ Multi-input wake-up on all I/O pins
■ 16-bit multifunction timer with difference capture
■ 12-bit idle timer
■ Hardware Bit - Coder (HBC) (ACE1202-2 only)
■ On-chip oscillator
   — No external components
   — 1µs instruction cycle time
■ On-chip Power-on Reset
■ Programmable read and write disable functions
■ Memory mapped I/O
■ Multilevel Low Voltage Detection
■ Brown-out Reset
■ Software selectable I/O option
   — Push-pull outputs with tri-state option
   — Weak pull-up or high impedance
■ Fully static CMOS
   — Low power HALT mode (100nA @ 3.3V)
   — Power saving IDLE mode
■ Single supply operation
   — 1.8-5.5V (P.N. ACE1202L)
   — 2.2-5.5V (P.N. ACE1202, ACE12022)
   — 2.7-5.5V (P.N. ACE1202B, ACE12022B)
■ 40 years data retention
■ 1,000,000 data changes
■ 8 and 14-pin SOIC, 8 and 14-pin DIP packages. (CSP package available upon request)
■ In-circuit programming




同様の部品番号 - ACE1202EMX

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results


同様の説明 - ACE1202EMX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results




Fairchild Semiconductor について


Fairchild Semiconductorは、1950年代後半に設立された先駆的な半導体会社でした。
同社は、最初の商用トランジスタの開発における革新と、統合回路技術の進歩への貢献で知られていました。
Fairchildは、電力半導体、アナログおよび混合シグナル統合回路、およびその他の半導体製品の大手サプライヤーになりました。
同社は2016年にSemiconductorで買収され、その製品と技術は引き続きSemiconductorブランドの下で開発および販売されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com