データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N140A データシート (PDF) - AVAGO TECHNOLOGIES LIMITED

6N140A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
部品番号 6N140A
ダウンロード  6N140A ダウンロード

ファイルサイズ   206.96 Kbytes
ページ   12 Pages
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
部品情報 Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

6N140A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
6N140A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

部品番号 6N140A
ダウンロード  6N140A Click to download

ファイルサイズ   206.96 Kbytes
ページ   12 Pages
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
部品情報 Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers

6N140A データシート (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button 6N140A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

6N140A 製品詳細

Description
These units are single, dual, and quad channel, hermetically sealed optocoup lers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appro priate DLA Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DLA Quali fied Manufacturers List QML-38534 for Hybrid Microcircuits.

Features
• Dual marked with device part number and DLA drawing number
• Manufactured and tested on a MIL-PRF-38534 Certified Line
• QML-38534, Class H and K
• Five hermetically sealed package configurations
• Performance guaranteed over full military temperature range: -55°C to +125°C
• Low input current requirement: 0.5 mA
• High current transfer ratio: 1500% typical @ IF = 0.5 mA
• Low output saturation voltage: 0.11 V typical
• 1500 Vdc withstand test voltage
• High radiation immunity
• 6N138/9, HCPL-2730/31 function compatibility
• Reliability data

Applications
• Military and aerospace
• High reliability systems
• Telephone ring detection
• Microprocessor system interface
• Transportation, medical, and life critical systems
• Isolated input line receiver
• EIA RS-232-C line receiver
• Voltage level shifting
• Isolated input line receiver
• Isolated output line driver
• Logic ground isolation
• Harsh industrial environments
• Current loop receiver
• System test equipment isolation
• Process control input/output isolation




同様の部品番号 - 6N140A

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N140A-100 HP-6N140A-100 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-200 HP-6N140A-200 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-300 HP-6N140A-300 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-600 HP-6N140A-600 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results


同様の説明 - 6N140A

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com