データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ8802ADI データシート (PDF) - Alpha & Omega Semiconductors

AOZ8802ADI Datasheet PDF - Alpha & Omega Semiconductors
部品番号 AOZ8802ADI
ダウンロード  AOZ8802ADI ダウンロード

ファイルサイズ   365.42 Kbytes
ページ   9 Pages
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
部品情報 Ultra-Low Capacitance TVS Diode Array

AOZ8802ADI Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AOZ8802ADI Datasheet PDF - Alpha & Omega Semiconductors

部品番号 AOZ8802ADI
ダウンロード  AOZ8802ADI Click to download

ファイルサイズ   365.42 Kbytes
ページ   9 Pages
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
部品情報 Ultra-Low Capacitance TVS Diode Array

AOZ8802ADI データシート (HTML) - Alpha & Omega Semiconductors

AOZ8802ADI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8802ADI Datasheet HTML 9Page - Alpha & Omega Semiconductors

AOZ8802ADI 製品詳細

General Description
The AOZ8802A is a transient voltage suppressor array designed to protect high speed data lines such as HDMI, MDDI, USB, SATA, and Gigabit Ethernet from damaging ESD events.
This device incorporates four surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground.
The AOZ8802A provides a typical line to line capacitance of 0.3pF and low insertion loss up to 6GHz providing greater signal integrity making it ideally suited for HDMI 1.3 applications, such as Digital TVs, DVD players, set-top boxes and USB applications in mobile computing devices.
The AOZ8802A comes in a RoHS compliant and Halogen Free 1.6mm x 1.0mm x 0.55mm DFN-6 package and is rated -40°C to +85°C junction temperature range.

Features
● ESD protection for high-speed data lines:
   – IEC 61000-4-2, level 4 (ESD) immunity test
   – Air discharge: ±15kV; Contact discharge: ±15kV
   – IEC61000-4-4 (EFT) 40A (5/50nS)
   – IEC61000-4-5 (Lightning) 2.5A (8/20µS)
   – Human Body Model (HBM) ±24kV
● Array of surge rated diodes with internal TVS diode
● Small package saves board space
● Protects two I/O lines
● Low capacitance between I/O lines: 0.3pF
● Low clamping voltage
● Low operating voltage: 5.0V

Applications
● USB, MDDI, SATA ports
● Monitors and flat panel displays
● Set-top box
● Video graphics cards
● Digital Video Interface (DVI)
● Notebook computers




同様の部品番号 - AOZ8802ADI

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
More results


同様の説明 - AOZ8802ADI

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results




Alpha & Omega Semiconductors について


Alpha&Omega Semiconductors(AOS)は、電力管理統合サーキット(IC)の設計と製造を専門とするグローバルな半導体企業です。
同社は1995年に設立され、カリフォルニア州サンノゼに本社があります。
AOSは、とりわけ、家電、コンピューティング、通信、産業システムなどのアプリケーションに幅広い電力管理ソリューションを提供しています。
同社は最先端のテクノロジーと革新的な製品で知られており、半導体業界で高い評価を得ています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com