データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1963AES8 データシート (PDF) - Linear Dimensions Semiconductor

LT1963AES8 Datasheet PDF - Linear Dimensions Semiconductor
部品番号 LT1963AES8
ダウンロード  LT1963AES8 ダウンロード

ファイルサイズ   787.12 Kbytes
ページ   28 Pages
メーカー  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
ホームページ  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
部品情報 1.5A, Low Noise, Fast Transient Response LDO Regulators

LT1963AES8 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
LT1963AES8 Datasheet PDF - Linear Dimensions Semiconductor

部品番号 LT1963AES8
ダウンロード  LT1963AES8 Click to download

ファイルサイズ   787.12 Kbytes
ページ   28 Pages
メーカー  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
ホームページ  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
部品情報 1.5A, Low Noise, Fast Transient Response LDO Regulators

LT1963AES8 データシート (HTML) - Linear Dimensions Semiconductor

Back Button LT1963AES8 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1963AES8 Datasheet HTML 10Page - Linear Dimensions Semiconductor Next Button 

LT1963AES8 製品詳細

DESCRIPTION
The LT ®1963A series are low dropout regulators optimized for fast transient response. The devices are capable of supplying 1.5A of output current with a dropout voltage of 340mV. Operating quiescent current is 1mA, dropping to <1µA in shutdown. Quiescent current is well controlled; it does not rise in dropout as it does with many other regulators. In addition to fast transient response, the LT1963A regulators have very low output noise which makes them ideal for sensitive RF supply applications.

FEATURES
■ Optimized for Fast Transient Response
■ Output Current: 1.5A
■ Dropout Voltage: 340mV
■ Low Noise: 40µVRMS (10Hz to 100kHz)
■ 1mA Quiescent Current
■ No Protection Diodes Needed
■ Controlled Quiescent Current in Dropout
■ Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
■ Adjustable Output from 1.21V to 20V
■ <1µA Quiescent Current in Shutdown
■ Stable with 10µF Output Capacitor*
■ Stable with Ceramic Capacitors*
■ Reverse Battery Protection
■ No Reverse Current
■ Thermal Limiting
■ 5-Lead TO-220, DD, 3-Lead SOT-223 and 8-Lead SO Packages

APPLICATIONS
■ 3.3V to 2.5V Logic Power Supplies
■ Post Regulator for Switching Supplies




同様の部品番号 - LT1963AES8

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AES8 LINER-LT1963AES8 Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AES8 LINER-LT1963AES8 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AES8 LINER-LT1963AES8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AES8 LINEAR-LT1963AES8 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


同様の説明 - LT1963AES8

メーカー部品番号データシート部品情報
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com