データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX16NH2 データシート (PDF) - Littelfuse

QXX16NH2 Datasheet PDF - Littelfuse
部品番号 QXX16NH2
ダウンロード  QXX16NH2 ダウンロード

ファイルサイズ   974.98 Kbytes
ページ   9 Pages
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
部品情報 15 Amp and 16 Amp bi-directional solid state switch series is designed for AC

QXX16NH2 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
QXX16NH2 Datasheet PDF - Littelfuse

部品番号 QXX16NH2
ダウンロード  QXX16NH2 Click to download

ファイルサイズ   974.98 Kbytes
ページ   9 Pages
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
部品情報 15 Amp and 16 Amp bi-directional solid state switch series is designed for AC

QXX16NH2 データシート (HTML) - Littelfuse

QXX16NH2 Datasheet HTML 1Page - Littelfuse QXX16NH2 Datasheet HTML 2Page - Littelfuse QXX16NH2 Datasheet HTML 3Page - Littelfuse QXX16NH2 Datasheet HTML 4Page - Littelfuse QXX16NH2 Datasheet HTML 5Page - Littelfuse QXX16NH2 Datasheet HTML 6Page - Littelfuse QXX16NH2 Datasheet HTML 7Page - Littelfuse QXX16NH2 Datasheet HTML 8Page - Littelfuse QXX16NH2 Datasheet HTML 9Page - Littelfuse

QXX16NH2 製品詳細

Description
15 Amp and 16 Amp bi-directional solid state switch series is designed for AC switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays.
Standard type devices normally operate in Quadrants I & III triggered from AC line.
Alternistor type devices only operate in quadrants I, II, & III and are used in circuits requiring high dv/dt capability.

Features & Benefits
• RoHS Compliant
• Glass – passivated junctions
• Voltage capability up to 1000 V
• Surge capability up to 200 A
• Electrically isolated “L-Package” is UL recognized for 2500Vrms
• Solid-state switching eliminates arcing or contact bounce that create voltage transients
• No contacts to wear out from reaction of switching events
• Restricted (or limited) RFI generation, depending on activation point in sine wave
• Requires only a small gate activation pulse in each half-cycle

Applications
   Excellent for AC switching and phase control applications such as heating, lighting, and motor speed controls.
   Typical applications are AC solid-state switches, light dimmers, power tools, lawn care equipment, home/brown goods and white goods appliances.
   Alternistor Triacs (no snubber required) are used in applications with extremely inductive loads requiring highest commutation performance.
   Internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage.




同様の部品番号 - QXX16NH2

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX16NH2 LITTELFUSE-QXX16NH2 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx16NH2 LITTELFUSE-Qxx16NH2 Datasheet
939Kb / 9P
   RoHS Compliant
More results


同様の説明 - QXX16NH2

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results




Littelfuse について


Littelfuseは、回路保護および制御製品の設計と製造を専門とするアメリカの会社です。
同社は1927年に設立され、イリノイ州シカゴに本社を置いています。
Littelfuseは、ヒューズ、保護および制御装置、ポリマー製品など、幅広い製品を提供しています。
同社の製品は、自動車、産業、家電などのさまざまなアプリケーションで使用されています。
Littelfuseは、回路保護および制御技術に関する専門知識と、高品質で信頼できる製品を顧客に提供する能力で知られています。
同社は世界中のさまざまな国に運営と施設を持ち、顧客と緊密に連携して、特定の要件とニーズを満たすカスタマイズされたソリューションを提供しています。
コアビジネスに加えて、Littelfuseは再生可能エネルギーおよびデータセンター市場向けのソリューションも提供しています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com