データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4133-D-GT データシート (PDF) - Silicon Laboratories

SI4133-D-GT Datasheet PDF - Silicon Laboratories
部品番号 SI4133-D-GT
ダウンロード  SI4133-D-GT ダウンロード

ファイルサイズ   318.74 Kbytes
ページ   36 Pages
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories
部品情報 DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS

SI4133-D-GT Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SI4133-D-GT Datasheet PDF - Silicon Laboratories

部品番号 SI4133-D-GT
ダウンロード  SI4133-D-GT Click to download

ファイルサイズ   318.74 Kbytes
ページ   36 Pages
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories
部品情報 DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS

SI4133-D-GT データシート (HTML) - Silicon Laboratories

Back Button SI4133-D-GT Datasheet HTML 1Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 2Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 3Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 4Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 5Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 6Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 7Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 8Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 9Page - Silicon Laboratories SI4133-D-GT Datasheet HTML 10Page - Silicon Laboratories Next Button 

SI4133-D-GT 製品詳細

Description
The Si4133 is a monolithic integrated circuit that performs both IF and dual band RF synthesis for wireless communications applications. The Si4133 includes three VCOs, loop filters, reference and VCO dividers, and phase detectors. Divider and power down settings are programmable with a three wire serial interface.

FEATURES
■ Dual-band RF synthesizers
    •RF1: 900 MHz to 1.8 GHz
    •RF2: 750 MHz to 1.5 GHz
■ IF synthesizer
    •IF: 62.5 to 1000 MHz
■ Integrated VCOs, loop filters, varactors, and resonators
■ Minimal (2) number of external components required
■ Low phase noise
■ Programmable powerdown modes
■ 1 µA standby current
■ 18 mA typical supply current
■ 2.7 to 3.6 V operation
■ Packages: 24-pin TSSOP, 28-lead QFN
    •Lead-free and RoHS compliant

Applications
■ Dual-band communications
■ Digital cellular telephones GSM 850, E-GSM 900, DCS 1800, PCS 1900
■ Digital cordless phones
■ Analog cordless phones
■ Wireless local loop




同様の部品番号 - SI4133-D-GT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


同様の説明 - SI4133-D-GT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com