メーカー | 部品番号 | データシート | 部品情報 |
STMicroelectronics |
STH110N10F7-2
|
863Kb / 19P |
N-channel 100 V, 4.9 m廓 typ.,110 A, STripFET??F7 Power MOSFETs in H짼PAK-2 and H짼PAK-6 packages
November 2014 Rev 4 |
STF110N10F7
|
1Mb / 16P |
N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2 |
STB120N10F4
|
949Kb / 18P |
N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1 |
STP11NM65N
|
1Mb / 21P |
N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
|
STATEK CORPORATION |
STP6N62K3
|
1Mb / 19P |
N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
|
STMicroelectronics |
STFILED627
|
1Mb / 15P |
N-channel 620 V, 0.95 廓 typ., 7.0 A Power MOSFET in I짼PAKFP and TO-220
August 2013 Rev 1 |
STF15NM65N
|
923Kb / 15P |
N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016 |
STF26N60M2
|
434Kb / 15P |
N-channel 600 V, 0.14 廓 typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2015 Rev 2 |
STP1N105K3
|
673Kb / 18P |
N-channel 1050 V, 8 廓 typ., 1.4 A SuperMESH3??Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
|
STP15N65M5
|
925Kb / 17P |
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
|