データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4823CP データシート (PDF) - Fairchild Semiconductor

ML4823CP Datasheet PDF - Fairchild Semiconductor
部品番号 ML4823CP
ダウンロード  ML4823CP ダウンロード

ファイルサイズ   121.55 Kbytes
ページ   9 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 High Frequency Power Supply Controller

ML4823CP Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ML4823CP Datasheet PDF - Fairchild Semiconductor

部品番号 ML4823CP
ダウンロード  ML4823CP Click to download

ファイルサイズ   121.55 Kbytes
ページ   9 Pages
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
部品情報 High Frequency Power Supply Controller

ML4823CP データシート (HTML) - Fairchild Semiconductor

ML4823CP Datasheet HTML 1Page - Fairchild Semiconductor ML4823CP Datasheet HTML 2Page - Fairchild Semiconductor ML4823CP Datasheet HTML 3Page - Fairchild Semiconductor ML4823CP Datasheet HTML 4Page - Fairchild Semiconductor ML4823CP Datasheet HTML 5Page - Fairchild Semiconductor ML4823CP Datasheet HTML 6Page - Fairchild Semiconductor ML4823CP Datasheet HTML 7Page - Fairchild Semiconductor ML4823CP Datasheet HTML 8Page - Fairchild Semiconductor ML4823CP Datasheet HTML 9Page - Fairchild Semiconductor

ML4823CP 製品詳細

GENERAL DESCRIPTION
The ML4823 High Frequency PWM Controller is an IC controller optimized for use in Switch Mode Power Supply designs running at frequencies to 1MHz. Propagation delays are minimal through the comparators and logic for reliable high frequency operation while slew rate and bandwidth are maximized on the error amplifier. This controller is designed for single-ended applications using voltage or current mode and provides for input voltage feed forward.
A 1V threshold current limit comparator provides cycle by-cycle current limit and exceeding a 1.4V threshold initiates a soft-start cycle. The soft start pin doubles as a maximum duty cycle clamp. All logic is fully latched to provide jitter-free operation and prevent multiple pulsing. An under-voltage lockout circuit with 800mV of hysteresis assures low startup current and drives the outputs low during fault conditions.
This controller is an improved second source for the UC3823 controller; however, the ML4823 includes features not found on the 3823. These features are set in italics.

FEATURES
■ Practical operation at switching frequencies to 1.0MHz
■ High current (2A peak) totem pole output
■ Wide bandwidth error amplifier
■ Fully latched logic with double pulse suppression
■ Pulse-by-pulse current limiting
■ Soft start and max. duty cycle control
■ Under voltage lockout with hysteresis
■ 5.1V trimmed bandgap reference
■ Low start-up current (1.1mA)
■ Pin compatible improved replacement for UC3823
■ Fast shut down path from current limit to output
■ Soft start latch ensures full soft start cycle
■ Outputs pull low for undervoltage lockout




同様の部品番号 - ML4823CP

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4823CP MICRO-LINEAR-ML4823CP Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
More results


同様の説明 - ML4823CP

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
   High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
   High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
More results




Fairchild Semiconductor について


Fairchild Semiconductorは、1950年代後半に設立された先駆的な半導体会社でした。
同社は、最初の商用トランジスタの開発における革新と、統合回路技術の進歩への貢献で知られていました。
Fairchildは、電力半導体、アナログおよび混合シグナル統合回路、およびその他の半導体製品の大手サプライヤーになりました。
同社は2016年にSemiconductorで買収され、その製品と技術は引き続きSemiconductorブランドの下で開発および販売されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com