データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7142ACPZ-1500RL71 データシート (PDF) - Analog Devices

AD7142ACPZ-1500RL71 Datasheet PDF - Analog Devices
部品番号 AD7142ACPZ-1500RL71
ダウンロード  AD7142ACPZ-1500RL71 ダウンロード

ファイルサイズ   844.88 Kbytes
ページ   73 Pages
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices
部品情報 Programmable Controller for Capacitance Touch Sensors

AD7142ACPZ-1500RL71 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
AD7142ACPZ-1500RL71 Datasheet PDF - Analog Devices

部品番号 AD7142ACPZ-1500RL71
ダウンロード  AD7142ACPZ-1500RL71 Click to download

ファイルサイズ   844.88 Kbytes
ページ   73 Pages
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices
部品情報 Programmable Controller for Capacitance Touch Sensors

AD7142ACPZ-1500RL71 データシート (HTML) - Analog Devices

Back Button AD7142ACPZ-1500RL71 Datasheet HTML 1Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 2Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 3Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 4Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 5Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 6Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 7Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 8Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 9Page - Analog Devices AD7142ACPZ-1500RL71 Datasheet HTML 10Page - Analog Devices Next Button 

AD7142ACPZ-1500RL71 製品詳細

GENERAL DESCRIPTION
The AD7142 and AD7142-1 are integrated capacitance-to-digital converters (CDCs) with on-chip environmental calibration for use in systems requiring a novel user input method. The AD7142 and AD7142-1 can interface to external capacitance sensors implementing functions such as capacitive buttons, scroll bars, or wheels.

FEATURES
   Programmable capacitance-to-digital converter
      36 ms update rate (@ maximum sequence length)
      Better than 1 fF resolution
      14 capacitance sensor input channels
      No external RC tuning components required
      Automatic conversion sequencer
   On-chip automatic calibration logic
      Automatic compensation for environmental changes
      Automatic adaptive threshold and sensitivity levels
   On-chip RAM to store calibration data
   SPI®-compatible serial interface (AD7142)
   I2C®-compatible serial interface (AD7142-1)
   Separate VDRIVE level for serial interface
   Interrupt output and GPIO
   32-lead, 5 mm x 5 mm LFCSP_VQ
   2.6 V to 3.6 V supply voltage
   Low operating current
      Full power mode: less than 1 mA
      Low power mode: 50 μA

APPLICATIONS
   Personal music and multimedia players
   Cell phones
   Digital still cameras
   Smart hand-held devices
   Television, A/V, and remote controls
   Gaming consoles




同様の部品番号 - AD7142ACPZ-1500RL71

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7142ACPZ-1500RL7 AD-AD7142ACPZ-1500RL7 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results


同様の説明 - AD7142ACPZ-1500RL71

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results




Analog Devices について


Analog Devices、Inc。(ADI)は、高性能アナログ、混合シグナル、およびデジタル信号処理(DSP)統合回路(ICS)を設計、開発、製造する公開企業です。
同社は1965年に設立され、マサチューセッツ州ノーウッドに本社を置いています。
ADIは、航空宇宙と防衛、自動車、通信、消費者、産業、医療、テストと測定など、幅広い産業にサービスを提供しています。
同社の製品ポートフォリオには、データコンバーター、アンプとコンパレータ、電源管理ICS、マイクロコントローラー、センサー、無線周波数(RF)およびマイクロ波コンポーネントなどが含まれます。
ADIはイノベーションと顧客満足度に専念しており、ニーズを満たすために高品質で信頼できるソリューションを顧客に提供することに取り組んでいます。
エネルギー効率と持続可能性に焦点を当てたADIは、アナログおよび混合シグナルIC業界のリーダーであり、技術の進歩を推進し、世界で最も挑戦的な問題に革新的なソリューションを提供しています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com