データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321L データシート (PDF) - STMicroelectronics

LMV321L Datasheet PDF - STMicroelectronics
部品番号 LMV321L
ダウンロード  LMV321L ダウンロード

ファイルサイズ   642.02 Kbytes
ページ   20 Pages
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
部品情報 Low-power, general-purpose operational amplifiers

LMV321L Datasheet (PDF)

Go To PDF Page ダウンロード データシート
LMV321L Datasheet PDF - STMicroelectronics

部品番号 LMV321L
ダウンロード  LMV321L Click to download

ファイルサイズ   642.02 Kbytes
ページ   20 Pages
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
部品情報 Low-power, general-purpose operational amplifiers

LMV321L データシート (HTML) - STMicroelectronics

Back Button LMV321L Datasheet HTML 1Page - STMicroelectronics LMV321L Datasheet HTML 2Page - STMicroelectronics LMV321L Datasheet HTML 3Page - STMicroelectronics LMV321L Datasheet HTML 4Page - STMicroelectronics LMV321L Datasheet HTML 5Page - STMicroelectronics LMV321L Datasheet HTML 6Page - STMicroelectronics LMV321L Datasheet HTML 7Page - STMicroelectronics LMV321L Datasheet HTML 8Page - STMicroelectronics LMV321L Datasheet HTML 9Page - STMicroelectronics LMV321L Datasheet HTML 10Page - STMicroelectronics Next Button 

LMV321L 製品詳細

Description

The LMV321L, LMV358L, and LMV324L are single, dual and quad operational amplifiers with rail-to-rail output capabilities. They are specifically designed to operate at low voltages (2.7 V to 5 V) with enhanced performances compared to the industry standard LM3xx series. The LMV321L, LMV358L, and LMV324L are offered in tiny packages, allowing the devices to

be used in small portable electronic applications and to be placed closer to the actual signal.



Features

• Low-power consumption: 250 µA max at 5 V

• Low offset voltage: 7 mV max at 25 °C

• Industrial temperature range: -40 °C to +125 °C

• Low supply voltage: 2.7 V - 5.5 V

• Gain bandwidth product: 1.3 MHz

• Tiny packages



Applications

• Battery-powered applications

• Portable devices

• Signal conditioning

• Active filtering

• Medical instrumentation




同様の部品番号 - LMV321L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Cadeka Microcircuits LL...
LMV321 CADEKA-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


同様の説明 - LMV321L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
   Ground sense Low Power General Purpose Operational amplifiers
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results




STMicroelectronics について


Stmicroelectronicsは、スイスのジュネーブに拠点を置く多国籍の電子機器および半導体メーカーです。

同社は、自動車、産業、消費者市場のさまざまなアプリケーション向けに、マイクロコントローラー、センサー、パワーアンプ、統合サーキットなど、幅広い製品を提供しています。

1987年に設立されたStmicroelectronicsは、100か国以上で事業を展開しており、世界最大の半導体企業の1つです。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com