データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL78228ARZ-T データシート (PDF) - Intersil Corporation

ISL78228ARZ-T Datasheet PDF - Intersil Corporation
部品番号 ISL78228ARZ-T
ダウンロード  ISL78228ARZ-T ダウンロード

ファイルサイズ   1469.98 Kbytes
ページ   18 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator

ISL78228ARZ-T Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL78228ARZ-T Datasheet PDF - Intersil Corporation

部品番号 ISL78228ARZ-T
ダウンロード  ISL78228ARZ-T Click to download

ファイルサイズ   1469.98 Kbytes
ページ   18 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator

ISL78228ARZ-T データシート (HTML) - Intersil Corporation

Back Button ISL78228ARZ-T Datasheet HTML 1Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 2Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 3Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 4Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 5Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 6Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 7Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 8Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 9Page - Intersil Corporation ISL78228ARZ-T Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL78228ARZ-T 製品詳細

The ISL78228 is a high efficiency, dual synchronous step-down
DC/DC regulator that can deliver up to 800mA continuous
output current per channel. The supply voltage range of 2.75V
to 5.5V allows for the use of a 3.3V or 5V input. The current
mode control architecture enables very low duty cycle
operation at high frequency with fast transient response and
excellent loop stability. The ISL78228 operates above the AM
radio band as well as the 2.25MHz switching frequency,
allowing for the use of small, low cost inductors and
capacitors. Each channel is optimized for generating an output
voltage as low as 0.6V.
The ISL78228 has a user configurable mode of
operation-forced PWM mode and PFM/PWM mode. The forced
PWM mode operation reduces noise and RF interference while
the PFM mode operation provides high efficiency by reducing
switching losses at light loads. In PFM mode of operation, both
channels draw a total quiescent current of only 30µA, hence
enabling high light load efficiency in order to maximize battery
life.
The ISL78228 offers a 1ms Power-Good (PG) to monitor both
outputs at power-up. When shutdown, ISL78228 discharges
the outputs capacitor. Other features include internal digital
soft-start, enable for power sequence, overcurrent protection,
and thermal shutdown. The ISL78228 is offered in a
3mmx3mm 10 Ld DFN package with 1mm maximum height.
The complete converter occupies less than 1.8cm2 area.
The ISL78228 is AEC-Q100 rated. The ISL78228 is rated for
the automotive temperature range (-40°C to +105°C).

Features
• Internal Current Mode Compensation
• 100% Maximum Duty Cycle for Lowest Dropout
• Selectable Forced PWM Mode and PFM Mode
• External Synchronization up to 4MHz
• Start-up with Pre-biased Output
• Soft-Stop Output Discharge During Disabled
• Internal Digital Soft-Start - 2ms
• Power-Good (PG) Output with 1ms Delay
• AEC-Q100 Tested
• Pb-free (RoHS Compliant)

Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Rear Camera Systems
• Navigation Systems
• Infotainment Systems




同様の部品番号 - ISL78228ARZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Renesas Technology Corp
ISL78228ARZ RENESAS-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


同様の説明 - ISL78228ARZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8088 INTERSIL-ISL8088_10 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com