データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PGR20302 データシート (PDF) - Ericsson

PGR20302 Datasheet PDF - Ericsson
部品番号 PGR20302
ダウンロード  PGR20302 ダウンロード

ファイルサイズ   340.81 Kbytes
ページ   4 Pages
メーカー  ERICSSON [Ericsson]
ホームページ  http://www.ericsson.com
Logo ERICSSON - Ericsson
部品情報 PIN Receiver Module up to 3 Gb/s

PGR20302 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
PGR20302 Datasheet PDF - Ericsson

部品番号 PGR20302
ダウンロード  PGR20302 Click to download

ファイルサイズ   340.81 Kbytes
ページ   4 Pages
メーカー  ERICSSON [Ericsson]
ホームページ  http://www.ericsson.com
Logo ERICSSON - Ericsson
部品情報 PIN Receiver Module up to 3 Gb/s

PGR20302 データシート (HTML) - Ericsson

PGR20302 Datasheet HTML 1Page - Ericsson PGR20302 Datasheet HTML 2Page - Ericsson PGR20302 Datasheet HTML 3Page - Ericsson PGR20302 Datasheet HTML 4Page - Ericsson

PGR20302 製品詳細

Description
Fiber optic receiver front-end module for STM-16 and OC-48 WDM applications. The module includes an InGaAs PIN Photo Diode, with a low noise GaAs MMIC preamplifier in a 14 pin butterfly package. The single-mode fiber pigtail is terminated with a customer specified connector. The module operates between 1250 and 1620 nm. The electrical outputs are AC-coupled and differential.

Key Features
• Hermetic, 14 pin butterfly package with multisourced footprint
• FC/PC, SC or ST connector
• InGaAs PIN photo diode with low noise GaAs MMIC preamplifier
• AC-coupled, differential data output
• Operates between 1250 nm and 1620 nm
• 2.0 GHz minimum bandwidth
• -25 dBm typical sensitivity
• +0.5 dBm typical overload

Applications
• WDM
• SDH STM-16 SH
• SONET OC-48 IR
• Digital recievers to 3 Gb/s
• Analog receivers to 2.0 GHz




同様の部品番号 - PGR20302

メーカー部品番号データシート部品情報
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
More results


同様の説明 - PGR20302

メーカー部品番号データシート部品情報
logo
Ericsson
PGR20312 ERICSSON-PGR20312 Datasheet
330Kb / 4P
   APD Receiver Module up to 3 Gb/s
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
   APD Receiver Module for 2.5 Gb/s
logo
Optoway Technology Inc
SPS-9110V-2RG_2015 OPTOWAY-SPS-9110V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-1RG_2015 OPTOWAY-SPS-9380V-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
SPS-9110V-2RG OPTOWAY-SPS-9110V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG_2015 OPTOWAY-SPS-9380V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9110V-1RG_2015 OPTOWAY-SPS-9110V-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
SPS-9380V-1RG OPTOWAY-SPS-9380V-1RG_15 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
More results




Ericsson について


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com