データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD74ALVCH16500 データシート (PDF) - Hitachi Semiconductor

HD74ALVCH16500 Datasheet PDF - Hitachi Semiconductor
部品番号 HD74ALVCH16500
ダウンロード  HD74ALVCH16500 ダウンロード

ファイルサイズ   55.42 Kbytes
ページ   13 Pages
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
部品情報 18-bit Universal Bus Transceivers with 3-state Outputs

HD74ALVCH16500 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
HD74ALVCH16500 Datasheet PDF - Hitachi Semiconductor

部品番号 HD74ALVCH16500
ダウンロード  HD74ALVCH16500 Click to download

ファイルサイズ   55.42 Kbytes
ページ   13 Pages
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
部品情報 18-bit Universal Bus Transceivers with 3-state Outputs

HD74ALVCH16500 データシート (HTML) - Hitachi Semiconductor

Back Button HD74ALVCH16500 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH16500 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74ALVCH16500 製品詳細

Description
Data flow in each direction is controlled by output enable (OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CLKAB and CLKBA) inputs. For A to B data flow, the device operates in the transparent mode when LEAB is high. When LEAB is low, the A data is latched if CLKAB is held at a high or low logic level. If LEAB is low, the A bus data is stored in the latch flip flop on the high to low transition of CLKAB. Output enable OEAB is active high. When OEAB is high, the B port outputs are active. When OEAB is low, the B port outputs are in the high impedance state. Data flow for B to A is similar to that of A to B but uses OEBA, LEBA, and CLKBA. The output enables are complementary (OEAB is active high, and OEBA is active low). Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level.

Features
• VCC = 2.3 V to 3.6 V
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V)
• Bus hold on data inputs eliminates the need for external pullup / pulldown resistors




同様の部品番号 - HD74ALVCH16500

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVCH16501 HITACHI-HD74ALVCH16501 Datasheet
52Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16501 RENESAS-HD74ALVCH16501 Datasheet
241Kb / 12P
   18-bit Universal Bus Transceivers with 3-state Outputs
More results


同様の説明 - HD74ALVCH16500

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results




Hitachi Semiconductor について


Hitachi Semiconductorは、半導体の設計と製造を専門とする日本企業であるHitachi、Ltd。の子会社です。
同社は1970年に設立され、日本の東京に本社を置いています。
Hitachi Semiconductorは、メモリ製品、マイクロコントローラー、電力管理ICS、その他のアナログおよびデジタル半導体など、幅広い製品を提供しています。
同社の製品は、家電、自動車システム、産業機器などのさまざまなアプリケーションで使用されています。
Hitachi Semiconductorは、半導体技術の専門知識と、高品質で信頼できる製品を顧客に提供する能力で知られています。
同社は世界中のさまざまな国に運営と施設を持ち、顧客と緊密に連携して、特定の要件とニーズを満たすカスタマイズされた半導体ソリューションを提供しています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com