データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HGTG30N60A4D データシート (PDF) - Intersil Corporation

HGTG30N60A4D Datasheet PDF - Intersil Corporation
部品番号 HGTG30N60A4D
ダウンロード  HGTG30N60A4D ダウンロード

ファイルサイズ   100.45 Kbytes
ページ   9 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG30N60A4D Datasheet (PDF)

Go To PDF Page ダウンロード データシート
HGTG30N60A4D Datasheet PDF - Intersil Corporation

部品番号 HGTG30N60A4D
ダウンロード  HGTG30N60A4D Click to download

ファイルサイズ   100.45 Kbytes
ページ   9 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG30N60A4D データシート (HTML) - Intersil Corporation

HGTG30N60A4D Datasheet HTML 1Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 2Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 3Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 4Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 5Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 6Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 7Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 8Page - Intersil Corporation HGTG30N60A4D Datasheet HTML 9Page - Intersil Corporation

HGTG30N60A4D 製品詳細

600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

The HGTG30N60A4D is a MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. This device has the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25°C and 150°C. The IGBT used is the development type TA49343. The diode used in anti-parallel is the development type TA49373.
This IGBT is ideal for many high voltage switching applications operating at high frequencies where low conduction losses are essential. This device has been optimized for high frequency switch mode power supplies.
Formerly Developmental Type TA49345.

Features
• >100kHz Operation At 390V, 30A
• 200kHz Operation At 390V, 18A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 60ns at TJ = 125°C
• Low Conduction Loss
• Temperature Compensating SABER Model
   www.intersil.com




同様の部品番号 - HGTG30N60A4D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HGTG30N60A4D FAIRCHILD-HGTG30N60A4D Datasheet
191Kb / 9P
   600V, SMPS Series N-Channel IGBT with
logo
Inchange Semiconductor ...
HGTG30N60A4D ISC-HGTG30N60A4D Datasheet
367Kb / 3P
   N-Channel IGBT
More results


同様の説明 - HGTG30N60A4D

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com