メーカー | 部品番号 | データシート | 部品情報 |
Molex Electronics Ltd. |
0622031000
|
30Kb / 1P |
Imperium Cable Seal Assembly Press
|
0192862000
|
21Kb / 1P |
Imperium Hydraulic Press Assembly
08/26/2022 |
Tyco Electronics |
2-323930-2
|
46Kb / 1P |
FERRULE ASSEMBLY, TERMASHIELD
|
List of Unclassifed Man... |
E0508
|
91Kb / 1P |
Cable Ferrule - Insulated 0.5mm2
|
E0508-WHITE
|
103Kb / 1P |
Cable Ferrule - Insulated 0.5mm
|
E1508
|
86Kb / 1P |
Cable Ferrule - Insulated 1.5mm2
|
Molex Electronics Ltd. |
0192861000
|
29Kb / 1P |
Hydraulic Press Assembly
08/26/2022 |
List of Unclassifed Man... |
E2508-BLUE
|
104Kb / 1P |
Cable Ferrule - Insulated 2.5 mm2
|
Tyco Electronics |
55510
|
30Kb / 1P |
FERRULE, CABLE, CLAMP SPLIT RING
|
Molex Electronics Ltd. |
ATS-192900080
|
82Kb / 2P |
Crimp Tool Kit for 1/0 AWG Imperium and Imperium Plus Terminals
09-11-14 |