データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24211IRTZ-EVALZ データシート (PDF) - Intersil Corporation

ISL24211IRTZ-EVALZ Datasheet PDF - Intersil Corporation
部品番号 ISL24211IRTZ-EVALZ
ダウンロード  ISL24211IRTZ-EVALZ ダウンロード

ファイルサイズ   453.18 Kbytes
ページ   12 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 Programmable VCOM Calibrator with EEPROM and Output Buffer

ISL24211IRTZ-EVALZ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL24211IRTZ-EVALZ Datasheet PDF - Intersil Corporation

部品番号 ISL24211IRTZ-EVALZ
ダウンロード  ISL24211IRTZ-EVALZ Click to download

ファイルサイズ   453.18 Kbytes
ページ   12 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 Programmable VCOM Calibrator with EEPROM and Output Buffer

ISL24211IRTZ-EVALZ データシート (HTML) - Intersil Corporation

Back Button ISL24211IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL24211IRTZ-EVALZ 製品詳細

The ISL24211 is an 8-bit programmable current sink that can be
used in conjunction with an external voltage divider to generate a
voltage source (VCOM) positioned between the analog supply
voltage and ground. The current sink’s full-scale range is
controlled by an external resistor, RSET. With the appropriate
choice of external resistors R1 and R2, the VCOM voltage range
can be controlled between any arbitrary voltage range. The
ISL24211 has an 8-bit data register and 8-bit EEPROM for storing
both a volatile and a permanent value for its output, with an I2C
interface to read and write to the register and EEPROM. After the
part is programmed, the I2C interface is no longer needed; on
power-up the EEPROM contents are automatically transferred to
the data register, and the pre-programmed output voltage
appears on the VCOM_OUT pin.
The ISL24211 also features an integrated, wide-bandwidth, high
output drive buffer amplifier that can directly drive the VCOM
input of an LCD panel.
The ISL24211 is available in an 10 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.

Features
• 8-bit, 256-Step, Adjustable Sink Current Output
• 60MHz VCOM Buffer/Amplifier
• 4.5V to 19.0V Analog Supply Range for Normal Operation
(10.8V Minimum Analog Supply Voltage for Programming)
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• 400kHz, I2C Interface
• On-Chip 8-Bit EEPROM
• Guaranteed Monotonic Over-Temperature
• Compatible with applications using the 7-bit ISL45041
• Pb-free (RoHS-compliant)
• Ultra-Thin 10 Ld TDFN (3 x 3 x 0.8mm max)

Applications
• LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generato




同様の部品番号 - ISL24211IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24211IRTZ-EVALZ RENESAS-ISL24211IRTZ-EVALZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


同様の説明 - ISL24211IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com