データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59911IRZ データシート (PDF) - Intersil Corporation

ISL59911IRZ Datasheet PDF - Intersil Corporation
部品番号 ISL59911IRZ
ダウンロード  ISL59911IRZ ダウンロード

ファイルサイズ   2559.98 Kbytes
ページ   17 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 250MHz Triple Differential Receiver/ Equalizer with I2C Interface

ISL59911IRZ Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL59911IRZ Datasheet PDF - Intersil Corporation

部品番号 ISL59911IRZ
ダウンロード  ISL59911IRZ Click to download

ファイルサイズ   2559.98 Kbytes
ページ   17 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 250MHz Triple Differential Receiver/ Equalizer with I2C Interface

ISL59911IRZ データシート (HTML) - Intersil Corporation

Back Button ISL59911IRZ Datasheet HTML 1Page - Intersil Corporation ISL59911IRZ Datasheet HTML 2Page - Intersil Corporation ISL59911IRZ Datasheet HTML 3Page - Intersil Corporation ISL59911IRZ Datasheet HTML 4Page - Intersil Corporation ISL59911IRZ Datasheet HTML 5Page - Intersil Corporation ISL59911IRZ Datasheet HTML 6Page - Intersil Corporation ISL59911IRZ Datasheet HTML 7Page - Intersil Corporation ISL59911IRZ Datasheet HTML 8Page - Intersil Corporation ISL59911IRZ Datasheet HTML 9Page - Intersil Corporation ISL59911IRZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL59911IRZ 製品詳細

The ISL59911 is a triple channel differential receiver and
equalizer optimized for RGB and YPbPr video signals. It
contains three high speed differential receivers with
programmable frequency compensation. The ISL59911
features manual or automatic offset calibration and ±4dB of
gain adjustment range with a resolution of 0.1dB.
The ISL59911 has a bandwidth of 250MHz and consumes only
110mA from a ±5V supply in normal operation.
When deasserted, the ENABLE pin puts the amplifiers into a
low power, high impedance state, minimizing power when not
needed and also allowing multiple devices to be connected in
parallel, allowing two or more ISL59911 devices to function as
a multiplexer.
The ISL59911 can also directly decode the sync signals
encoded onto the common modes of three pairs of Cat 5 cable
(by an ISL59311, EL4543, or similar device) or it can output
the actual common mode voltages for each of the three
channels.
The ISL59911 is available in a 32 Ld QFN package and is
specified for operation over the full -40°C to +85°C
temperature range.

Features
• 250MHz -3dB bandwidth
• 5 Adjustable EQ bands: 100MHz, 20MHz, 6MHz, 1MHz, and
200kHz
• 3rd-order lowpass filter at output with programmable corner
• ±4dB fine gain control with 0.1dB (7-bit) resolution
• Offset calibration minimizes output offset voltage
• Decodes HSYNC and VSYNC signals embedded in common
mode
• I2C interface with four unique addresses
• ±5V supplies @ 110mA
• 32 Ld 5mm x 6mm QFN package

Applications
• KVM monitor extension
• Digital signage
• General-purpose twisted-pair receiving and equalization
• High-resolution security video




同様の部品番号 - ISL59911IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911IRZ RENESAS-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911IRZ-EVALZ RENESAS-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results


同様の説明 - ISL59911IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com