データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59960IRZ-T7A データシート (PDF) - Intersil Corporation

ISL59960IRZ-T7A Datasheet PDF - Intersil Corporation
部品番号 ISL59960IRZ-T7A
ダウンロード  ISL59960IRZ-T7A ダウンロード

ファイルサイズ   757.63 Kbytes
ページ   17 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet

ISL59960IRZ-T7A Datasheet (PDF)

Go To PDF Page ダウンロード データシート
ISL59960IRZ-T7A Datasheet PDF - Intersil Corporation

部品番号 ISL59960IRZ-T7A
ダウンロード  ISL59960IRZ-T7A Click to download

ファイルサイズ   757.63 Kbytes
ページ   17 Pages
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
部品情報 960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet

ISL59960IRZ-T7A データシート (HTML) - Intersil Corporation

Back Button ISL59960IRZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL59960IRZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL59960IRZ-T7A 製品詳細

The ISL59960 is a single-channel adaptive equalizer for 960H
(WD1) or 720H (D1) composite video designed to
automatically compensate for long runs of CAT 5/CAT 6 or
RG-59 cable, producing high quality video output with no user
interaction. The ISL59960 equalizes up to 4000 feet (1200
meters) of CAT 5/CAT 6 cable.
960MegaQ™ compensates for high frequency cable losses of
up to 70dB at 9MHz, as well as source amplitude variations up
to ±3dB.
The ISL59960 operates from a single +5V supply. Inputs are
AC-coupled and internally DC-restored. The output can drive
2VP-P into two source-terminated 75Ω loads (AC-coupled or
DC-coupled).

Features
• Equalizes both 960H and 720H video
• Equalizes up to 4000 feet of Cat 5/Cat 6 and up to 5000
feet (1500m) of RG-59
• Fully automatic, stand-alone operation - no user adjustment
required
• 13MHz -3dB bandwidth
• ±8kV ESD protection on all inputs
• Automatic cable type compensation
• Compatible with color or monochrome, 960H, NTSC or PAL
signals
• Automatic polarity detection and inversion
• Compensates for ±3dB source variation (in addition to cable
losses)
• Optional serial interface adds additional functionality
• Works with single-ended or differential inputs
• Output drives up to two 150Ω video loads

Applications
• Surveillance video
• Video distribution




同様の部品番号 - ISL59960IRZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59960IRZ-T7A INTERSIL-ISL59960IRZ-T7A Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7A RENESAS-ISL59960IRZ-T7A Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results


同様の説明 - ISL59960IRZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results




Intersil Corporation について


Intersil Corporationは、高性能アナログと混合シグナル統合回路の設計と製造に特化したアメリカの半導体会社でした。
同社は1967年に設立され、電力管理、データ変換、無線頻度(RF)テクノロジーの専門知識で知られています。
Intersilの製品は、家電、産業、通信、航空宇宙と防衛などの幅広いアプリケーションで使用されていました。
2016年、Intersilは日本の半導体会社であるRenesas Electronics Corporationに買収されました。
Intersilのブランドとテクノロジーは、Renesasの製品ポートフォリオの一部として開発および販売され続けています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com