データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11696V-MPB-E データシート (PDF) - ON Semiconductor

LB11696V-MPB-E Datasheet PDF - ON Semiconductor
部品番号 LB11696V-MPB-E
ダウンロード  LB11696V-MPB-E ダウンロード

ファイルサイズ   526.04 Kbytes
ページ   17 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 Direct PWM Drive Brushless Motor Predriver IC

LB11696V-MPB-E Datasheet (PDF)

Go To PDF Page ダウンロード データシート
LB11696V-MPB-E Datasheet PDF - ON Semiconductor

部品番号 LB11696V-MPB-E
ダウンロード  LB11696V-MPB-E Click to download

ファイルサイズ   526.04 Kbytes
ページ   17 Pages
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
部品情報 Direct PWM Drive Brushless Motor Predriver IC

LB11696V-MPB-E データシート (HTML) - ON Semiconductor

Back Button LB11696V-MPB-E Datasheet HTML 1Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 2Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 3Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 4Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 5Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 6Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 7Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 8Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 9Page - ON Semiconductor LB11696V-MPB-E Datasheet HTML 10Page - ON Semiconductor Next Button 

LB11696V-MPB-E 製品詳細

Overview
The LB11696V is a direct PWM drive predriver IC designed for three phase power brushless motors. A motor driver circuit with the desired output power (voltage and current) can be implemented by adding discrete transistors in the output circuits. Furthermore, the LB11696V provides a full complement of protection circuits allowing it to easily implement high-reliability drive circuits. This device is optimal for driving all types of large-scale motors such as those used in air conditioners and on-demand water heaters.

Features
• Three-phase bipolar drive
• Direct PWM drive (controlled either by control voltage
   or PWM variable duty pulse input)
• Built-in forward/reverse switching circuit
• Start/stop mode switching circuit (stop mode power saving function)
• Built-in input amplifier
• 5 V regulator output (VREG pin)
• Current limiter circuit (Supports 0.25 V (typical) reference voltage
   sensing based high-precision detection)
• Undervoltage protection circuit (The operating voltage
   can be set with a zener diode)
• Automatic recovery type constraint protection circuit with
   protection operating state discrimination output (RD pin)
• Four types of Hall signal pulse outputs
• Supports thermistor based thermal protection of the output transistors




同様の部品番号 - LB11696V-MPB-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11696V-MPB-E ONSEMI-LB11696V-MPB-E Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
More results


同様の説明 - LB11696V-MPB-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results




ON Semiconductor について


「ON Semiconductorは、自動車、コンピューティング、消費財、産業、通信市場など、さまざまなアプリケーション向けに幅広い半導体製品を設計、開発、製造する公開企業です。
同社は1999年に設立され、アリゾナ州フェニックスに本社を置いています。
Semiconductorは、電源MOSFET、ダイオード、整流器、電圧レギュレーターなど、電力管理、アナログ、離散半導体の幅広いポートフォリオを提供します。
同社の製品は、エネルギー効率が高く、信頼性が高く、費用対効果が高いように設計されており、ポータブルエレクトロニクス、産業自動化システム、再生可能エネルギーシステム、自動車用エレクトロニクスなど、さまざまなアプリケーションで使用されています。
Semiconductorは、イノベーションと顧客満足度に取り組んでおり、お客様のニーズを満たすために最高の半導体ソリューションを提供することに取り組んでいます。」

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com