データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM15KPA60AN データシート (PDF) - Protek Devices

SM15KPA60AN Datasheet PDF - Protek Devices
部品番号 SM15KPA60AN
ダウンロード  SM15KPA60AN ダウンロード

ファイルサイズ   412.39 Kbytes
ページ   7 Pages
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices
部品情報 15kW SURFACE MOUNT POWER TVS COMPONENT

SM15KPA60AN Datasheet (PDF)

Go To PDF Page ダウンロード データシート
SM15KPA60AN Datasheet PDF - Protek Devices

部品番号 SM15KPA60AN
ダウンロード  SM15KPA60AN Click to download

ファイルサイズ   412.39 Kbytes
ページ   7 Pages
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices
部品情報 15kW SURFACE MOUNT POWER TVS COMPONENT

SM15KPA60AN データシート (HTML) - Protek Devices

SM15KPA60AN Datasheet HTML 1Page - Protek Devices SM15KPA60AN Datasheet HTML 2Page - Protek Devices SM15KPA60AN Datasheet HTML 3Page - Protek Devices SM15KPA60AN Datasheet HTML 4Page - Protek Devices SM15KPA60AN Datasheet HTML 5Page - Protek Devices SM15KPA60AN Datasheet HTML 6Page - Protek Devices SM15KPA60AN Datasheet HTML 7Page - Protek Devices

SM15KPA60AN 製品詳細

DESCRIPTION
The SM15KPAN Series are high-powered surface mount transient voltage suppression components designed to protect equipment and systems from the damaging effects of high voltage spikes. The surface mount package configuration provides a lower profile compared to legacy axial lead package configurations.
These devices provide 15,000 Watts of peak pulse power dissipation for an 10/1000µs waveform. Applications include AC and DC power line protection, terrestrial base station protection as well as module lightning protection.

FEATURES
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(LineGround), L4(Line-Line) & L1 (Power)
• 15,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional and Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• Available in Multiple Voltages
• tClamping (0V to V(BR)Min) < 100ps, Theoretical for Unidirectional and 5ns for Bidirectional
• RoHS Complaint (Exemption #7)

APPLICATIONS
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection for AC/DC




同様の部品番号 - SM15KPA60AN

メーカー部品番号データシート部品情報
logo
Protek Devices
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA220CA PROTEC-SM15KPA220CA Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA220CA PROTEC-SM15KPA220CA Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA30A PROTEC-SM15KPA30A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


同様の説明 - SM15KPA60AN

メーカー部品番号データシート部品情報
logo
Protek Devices
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com