データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC377QS16G データシート (PDF) - Hittite Microwave Corporation

HMC377QS16G Datasheet PDF - Hittite Microwave Corporation
部品番号 HMC377QS16G
ダウンロード  HMC377QS16G ダウンロード

ファイルサイズ   298.56 Kbytes
ページ   8 Pages
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
部品情報 CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz

HMC377QS16G Datasheet (PDF)

Go To PDF Page ダウンロード データシート
HMC377QS16G Datasheet PDF - Hittite Microwave Corporation

部品番号 HMC377QS16G
ダウンロード  HMC377QS16G Click to download

ファイルサイズ   298.56 Kbytes
ページ   8 Pages
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
部品情報 CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz

HMC377QS16G データシート (HTML) - Hittite Microwave Corporation

HMC377QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC377QS16G Datasheet HTML 8Page - Hittite Microwave Corporation



同様の部品番号 - HMC377QS16G

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16GE HITTITE-HMC377QS16GE Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
More results


同様の説明 - HMC377QS16G

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
More results




Hittite Microwave Corporation について


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com