メーカー | 部品番号 | データシート | 部品情報 |
Schurter Inc. |
SHF6.3X32PIGTAIL
|
258Kb / 3P |
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
|
6.3X32PIGTAIL
|
266Kb / 3P |
Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022 |
SHF6.3X32
|
258Kb / 4P |
Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
|
SHT6.3X32
|
278Kb / 3P |
Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
|
SHT6.3X32PIGTAIL
|
317Kb / 4P |
Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022 |
SHT6.3X32
|
327Kb / 4P |
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications. |
SHF6.3X32
|
313Kb / 4P |
Cartridge Fuse, 6.3x32 mm, 500 VAC, 500 VDC 0.5 A-32 A, High Breaking Capacity ??1500 A
04.01.2022 |
SHT6.3X32
|
300Kb / 4P |
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020 |
SHT6.3X32
|
313Kb / 4P |
Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
|
8020.5068
|
271Kb / 3P |
Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
|