データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145173 データシート (PDF) - Motorola, Inc

MC145173 Datasheet PDF - Motorola, Inc
部品番号 MC145173
ダウンロード  MC145173 ダウンロード

ファイルサイズ   280.85 Kbytes
ページ   33 Pages
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
部品情報 Dual-Band PLL Frequency Synhesizer with ADC and Frequency Counter

MC145173 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC145173 Datasheet PDF - Motorola, Inc

部品番号 MC145173
ダウンロード  MC145173 Click to download

ファイルサイズ   280.85 Kbytes
ページ   33 Pages
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
部品情報 Dual-Band PLL Frequency Synhesizer with ADC and Frequency Counter

MC145173 データシート (HTML) - Motorola, Inc

Back Button MC145173 Datasheet HTML 1Page - Motorola, Inc MC145173 Datasheet HTML 2Page - Motorola, Inc MC145173 Datasheet HTML 3Page - Motorola, Inc MC145173 Datasheet HTML 4Page - Motorola, Inc MC145173 Datasheet HTML 5Page - Motorola, Inc MC145173 Datasheet HTML 6Page - Motorola, Inc MC145173 Datasheet HTML 7Page - Motorola, Inc MC145173 Datasheet HTML 8Page - Motorola, Inc MC145173 Datasheet HTML 9Page - Motorola, Inc MC145173 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145173 製品詳細

Advance Information

Dual-Band PLL Frequency Synthesizer with ADC and Frequency Counter

CMOS



The MC145173 is a single–chip CMOS synthesizer with a four–wire serial interface for primary use in AM–FM broadcast receivers. The device also finds use in long–wave (LW) and short–wave (SW) receivers. Two inputs to a single high–speed N counter are provided, along with 2 phase detectors; one for a VHF loop up to 130 MHz, and another for an HF loop up to 40 MHz. The VHF

phase detector has a current source/sink output and both detectors feature linear transfer functions (no dead zones). An external crystal ties across on–chip circuitry which drives a completely–programmable reference counter. Thus, a broad range of tuning resolution is possible. The crystal oscillator is buffered and fed to an open–drain output which is active in the HF mode only.



• Operating Voltage Range: 4.5 to 5.5 V

• Maximum Operating Frequency: VHFin = 130 MHz @ 210 mV p–p HFin = 40 MHz @ 210 mV p–p

• Maximum Frequency of Reference Counter: 15 MHz

• Maximum Frequency of Frequency Counter: 20 MHz

• Maximum Supply Current: Operating Mode = 12 mA Standby Mode = 30 µA

• Approximate ADC Conversion Time: 360 µs

• Operating Temperature Range: – 40 to + 85°C

• R Counter Division Range: 1 and 5 to 16,383

• N Counter Division Range: 40 to 32,767

• Accommodates Downconversion or Upconversion Receiver Design for AM Broadcast Band

• Direct Interface to Motorola SPI Data Port

• Programmer’s Guide Included in Datasheet



 




同様の部品番号 - MC145173

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14517 MOTOROLA-MC14517 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC14517 ONSEMI-MC14517 Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results


同様の説明 - MC145173

メーカー部品番号データシート部品情報
logo
Agere Systems
W3000 AGERE-W3000 Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
WAGO Kontakttechnik Gmb...
750-404-000-003 WAGO-750-404-000-003 Datasheet
561Kb / 12P
   Frequency Counter
750-404 WAGO-750-404 Datasheet
561Kb / 12P
   Frequency Counter
More results




Motorola, Inc について


Motorola、Inc。は、1928年に設立されたアメリカの多国籍電気通信会社でした。イリノイ州シャンバーグに本社を置き、携帯電話、通信機器、半導体の最大のプロバイダーの1つでした。その歴史を通じて、モトローラは、世界初の市販の携帯電話であるDynatac、および世界初の双方向のページャーであるThe PageBoyの開発など、通信の分野での革新で知られていました。

2011年、MotorolaはMotorola MobilityとMotorola Solutionsの2つの別個の企業に分かれました。 Motorola Mobilityは後に2012年にGoogleに買収され、現在はLenovoの子会社です。 Motorola Solutionsは、公安と商業および産業コミュニケーションソリューションに焦点を当てています。同社は、双方向ラジオ、モバイルコンピューティングデバイス、ネットワークインフラストラクチャ機器など、幅広い製品を提供しています。

Motorolaは携帯電話業界の先駆者の1人であり、革新と技術の進歩の豊かな歴史を持っています。同社の遺産は子会社を通じて継続され、その技術と製品は引き続き世界中で使用されています。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com