データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK10C48-N45I データシート (PDF) - List of Unclassifed Manufacturers

STK10C48-N45I Datasheet PDF - List of Unclassifed Manufacturers
部品番号 STK10C48-N45I
ダウンロード  STK10C48-N45I ダウンロード

ファイルサイズ   106.75 Kbytes
ページ   9 Pages
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers
部品情報 2K X 8 NVSRAM

STK10C48-N45I Datasheet (PDF)

Go To PDF Page ダウンロード データシート
STK10C48-N45I Datasheet PDF - List of Unclassifed Manufacturers

部品番号 STK10C48-N45I
ダウンロード  STK10C48-N45I Click to download

ファイルサイズ   106.75 Kbytes
ページ   9 Pages
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers
部品情報 2K X 8 NVSRAM

STK10C48-N45I データシート (HTML) - List of Unclassifed Manufacturers

STK10C48-N45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK10C48-N45I Datasheet HTML 9Page - List of Unclassifed Manufacturers

STK10C48-N45I 製品詳細

[Simtek]

DESCRIPTION
The Simtek STK10C48 is a fast static RAM with a nonvolatile electrically erasable PROM (EEPROM) element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in EEPROM. Data may easily be transferred from the SRAM to the EEPROM (the STORE operation), or from the EEPROM to the SRAM (the RECALL operation), using the NE pin. Transfers from the EEPROM to the SRAM (the RECALL operation) also take place automatically on restoration of power. The STK10C48 combines the high performance and ease of use of a fast SRAM with nonvolatile data integrity.

FEATURES
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by Hardware
• RECALL to SRAM Initiated by Hardware or Power Restore
• Automatic STORE Timing
• 10mA Typical ICC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin 300 mil PDIP, 300 mil SOIC and 350 mil SOIC Packages




同様の部品番号 - STK10C48-N45I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK10C48-N45I SIMTEK-STK10C48-N45I Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


同様の説明 - STK10C48-N45I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U630H16 ETC-U630H16 Datasheet
212Kb / 14P
   HARDSTORE 2K X 8 NVSRAM
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com