メーカー | 部品番号 | データシート | 部品情報 |
ETAL Group |
E-1072-128
|
189Kb / 4P |
Nennspannung DC 24 V (19,2...36 V)
|
2-5000
|
282Kb / 4P |
Voltage rating AC 250 V; DC 28 V
|
RICOH electronics devic... |
R1524
|
2Mb / 32P |
Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
|
Shanghai Leiditech Elec... |
PESD2442L002
|
1Mb / 5P |
Maximum allowable continuous DC voltage V DC 24 V
|
BELIMO AIRCONTROLS (USA... |
AKRB24-IP
|
171Kb / 1P |
Nominal voltage AC/DC 24 V
|
Shanghai Leiditech Elec... |
MVR0402-240E150
|
190Kb / 5P |
Maximum allowable continuous DC voltage 24 v
|
MVR0402-240E015
|
385Kb / 5P |
Maximum allowable continuous DC voltage 24 V
|
Vishay Siliconix |
SIC431
|
2Mb / 23P |
3 V to 24 V Input, 24 A microBUCK짰 DC/DC Converter
01-Jan-2022 |
Power Integrations, Inc... |
DI-56
|
371Kb / 2P |
19.2 W DC-DC Converter
|
Nell Semiconductor Co.,... |
340PT
|
456Kb / 3P |
Voltage rating up to 1600 V
|