データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-4504 データシート (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-4504 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
部品番号 HCPL-4504
ダウンロード  HCPL-4504 ダウンロード

ファイルサイズ   416.29 Kbytes
ページ   19 Pages
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
部品情報 High CMR, High Speed Optocouplers

HCPL-4504 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
HCPL-4504 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-4504
ダウンロード  HCPL-4504 Click to download

ファイルサイズ   416.29 Kbytes
ページ   19 Pages
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
部品情報 High CMR, High Speed Optocouplers

HCPL-4504 データシート (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4504 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4504 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-4504 製品詳細

Description

The HCPL-4504 and HCPL-0454 contain a GaAsP LED while the HCPL-J454 and HCNW4504 contain an AlGaAs LED. The LED is optically coupled to an integrated high gain photo detector.

The HCPL-4504 series has short propagation delays and high CTR. The HCPL-4504 series also has a guaranteed propagation delay difference (tPLH-tPHL). These features make the HCPL-4504 series an excellent solution to IPM inverter dead time and other switching problems. The CTR, propagation delay, and CMR are specified both for TTL and IPM conditions which are provided for ease of application.



Features

• Short propagation delays for TTL and IPM applications

• 15 kV/μs minimum Common Mode Transient immunity at VCM = 1500 V for TTL/load drive

• High CTR at TA = 25°C

   >25% for HCPL-4504/0454

   >23% for HCNW4504

   >19% for HCPL-J454

• Electrical specifications for common IPM applications

• TTL compatible

• Open collector output

• Safety approval:

   UL recognized

   – 3750 V rms/1min. for HCPL-4504/0454/J454

   – 5000 V rms/1min. for HCPL-4504 Option 020 and HCNW4504

   CSA approved

   IEC/EN/DIN EN 60747-5-2 approved

   – VIORM = 560 Vpeak for HCPL-0454 Option 060

   – VIORM = 630 Vpeak for HCPL-4504 Option 060

   – VIORM = 891 Vpeak for HCPL-J454

   – VIORM = 1414 Vpeak for HCNW4504

  

Applications

• Inverter circuits and Intelligent Power Module (IPM) interfacing: High Common Mode Transient immunity (> 10 kV/μs for an IPM load/drive) and (tPLH - tPHL) Specified (see Power Inverter Dead Time section)

• Line receivers: Short propagation delays and low in put-output capacitance

• High speed logic ground isolation: TTL/TTL, TTL/CMOS, TTL/LSTTL

• Replaces pulse transformers: Save board space and weight

• Analog signal ground isolation: Integrated photodetector provides improved linearity over phototransistors



 




同様の部品番号 - HCPL-4504

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
HCPL-4504 HP-HCPL-4504 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results


同様の説明 - HCPL-4504

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com