メーカー | 部品番号 | データシート | 部品情報 |
Molex Electronics Ltd. |
1803300002
|
41Kb / 1P |
LED Array Holder for Sharp Mega Zenigata (COB) Array, 40.00mm Diameter without
|
180330-0002
|
2Mb / 2P |
LED Array Holder for Sharp* Mega Zenigata (COB) and Sharp Mini Zenigata (COB) Arrays
|
1803900002
|
40Kb / 1P |
LED Array Holder for Sharp Mini Zenigata (COB) Array, 30.00 by 36.20mm Diameter
|
Lumileds Lighting Compa... |
2213130-2
|
240Kb / 2P |
TE LED holder for Sharp Mega Zenigata
|
TE Connectivity Ltd |
1-1773700-7
|
263Kb / 3P |
Type Z50 LED holder for Sharp Mega Zenigata
|
Molex Electronics Ltd. |
1801500001
|
50Kb / 1P |
LED Array Holder for Bridgelux ES, with Lens Cover
|
180160-0001
|
47Kb / 1P |
LED Array Holder for Cree* XLamp MP-L Array, with Lens Cover, Parallel Circuits
|
180160-0003
|
56Kb / 1P |
LED Array Holder for Cree* XLamp MP-L Array, with Lens Cover, Series Circuits
|
1805800001
|
37Kb / 1P |
LED Array Holder for 16.00 by 19.00mm COB, Rectangular Version
|
1805800004
|
37Kb / 1P |
LED Array Holder for 16.00 by 19.00mm COB, Circular Version
|