データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTE1952 データシート (PDF) - NTE Electronics

NTE1952 Datasheet PDF - NTE Electronics
部品番号 NTE1952
ダウンロード  NTE1952 ダウンロード

ファイルサイズ   20.6 Kbytes
ページ   2 Pages
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics
部品情報 Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 8V, 1A

NTE1952 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
NTE1952 Datasheet PDF - NTE Electronics

部品番号 NTE1952
ダウンロード  NTE1952 Click to download

ファイルサイズ   20.6 Kbytes
ページ   2 Pages
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics
部品情報 Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 8V, 1A

NTE1952 データシート (HTML) - NTE Electronics

NTE1952 Datasheet HTML 1Page - NTE Electronics NTE1952 Datasheet HTML 2Page - NTE Electronics

NTE1952 製品詳細

Description:

The NTE1952 positive voltage regulator features the ability to source 1A of output current with a dropout voltage of typically 0.5V and a maximum of 1V over the entire temperature range. Furthermore, a quiescent current reduction circuit has been included which reduces the ground current when the differential between the input voltage and the output voltage exceeds approximately 3V. The quies cent current with 1A of output current and an input–output differential of 5V is therefore only 30mA. High quiescent currents only exist when the regulator is in the dropout mode (VIN – VOUT ≤ 3V).



Features:

• Dropout Voltage: 0.5V (Typ) @ IO = 1A

• Output Current in Excess of 1A

• Reverse Battery Protection

• Internal Short Circuit Current Limit



 




同様の部品番号 - NTE1952

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
More results


同様の説明 - NTE1952

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE1904 NTE-NTE1904 Datasheet
21Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 3.3V, 1A
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
NTE1953 NTE-NTE1953 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE1954 NTE-NTE1954 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 12V, 1A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1932 NTE-NTE1932 Datasheet
23Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 10V, 1A
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
More results



リンク URL



プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com