データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3SB 10-R

  • AI
    The **3SB10-R** is a specific model of a **Pushbutton Switch** part of the Siemens SIRIUS range of pilot devices. These components are industrial-grade control units used to manually trigger signals in a control circuit. --- ### ## Technical Specifications The 3SB10 series is characterized by its 22mm mounting diameter and modular design. Below are the primary electronic and physical specifications: | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 22 mm | | **Actuator Type** | Round Pushbutton (Momentary) | | **Color** | Red (R designates Red) | | **Contact Blocks** | Modular (Typically 1NC or 1NO/1NC) | | **Voltage Rating** | Up to 400V AC / 230V DC | | **Current Rating** | 10A (Thermal Current $I_{th}$) | | **Protection Class** | IP65 (Dust-tight and water jet protection) | --- ### ### Key Electronic Components 1. **The Actuator (The "R" part):** The red button is the human interface. In the 3SB10-R configuration, this is usually a **non-latching (momentary)** part, meaning it only stays closed/open as long as your finger is pressing it. Red is traditionally used for "Stop" or "Off" functions in industrial panels. 2. **Contact Blocks:** The electronic switching happens in the blocks clipped to the back. * **Normally Closed (NC):** Common for red buttons used as "Stop" commands. * **Normally Open (NO):** Used for "Start" or signaling. * The contacts are typically made of silver alloy to ensure high conductivity and arc resistance. 3. **The Holder/Bracket:** This is the mechanical link that ensures the actuator properly pushes the plungers on the contact blocks. --- ### ### Typical Circuit Usage The 3SB10-R is most commonly wired in a **Stop Circuit**. Below is a conceptual representation of how it is integrated into a motor starter circuit: ```mermaid graph LR Power[L1] --> StopButton(3SB10-R NC Contact) StopButton --> StartButton(Green NO Contact) StartButton --> Coil(Contactor Coil K1) Coil --> Neutral[N] ``` --- ### ### Installation & Maintenance * **Wiring:** Terminals are usually screw-type, accepting wires from 0.5mm² to 2.5mm². * **Mounting:** It fits into a standard 22.5mm cutout on a control panel door. * **Durability:** These parts are rated for millions of mechanical operations, making them highly reliable for industrial automation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 3SB10 and the newer 3SU1 series?
    • ⤷ Can I add an LED illumination module to a 3SB10-R?
    • ⤷ How do I wire a 3SB10-R specifically for an Emergency Stop function?