データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VCXO2EV-R24T3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VCXO2EV-R24T3 Datasheet

  • # Example questions: ➢ How does the input current (idd) change as the frequency increases from less than 10mhz to 40mhz at a supply voltage of 3v?
    ➢ What is the maximum permissible operating temperature for the vcxo2e oscillator when using the 't' temperature range?
    ➢ What type of load capacitance range is supported by the output of this oscillator?

  • Part No.VCXO2EV-R24T3
    ManufacturerMICROCRYSTAL
    Size338 Kbytes
    Pages2 pages
    DescriptionDownhole and Well drilling equipments
    Datasheet Summary with AI

    # VCXO2E Voltage Control Oscillator

    ## Product Overview

    ️· Package: 5x3.2 mm ceramic
    ️· Frequency Range: 5 to 40 MHz
    ️· Temperature Range: -10 to 210°C (depending on version)
    ️· Lead-free & RoHS Compliant: Yes
    ️· Application: Surface mount using infrared, vapor phase or epoxy techniques (Downhole, Avionics, Firefighter, Geothermal)
    ️· Supply: Trays (128 pcs / tray) or 12mm tapes (250/1000 pcs)
    ️· Swiss Made Quality
    ️· Custom Specifications Available

    ## Electrical Characteristics

    ️· Supply Voltage: 3.3V ± 5%
    ️· Output Signal: HC-MOS compatible
    ️· Symmetry: 40/60% at Vdd/2
    ️· Rise/Fall Time: ≤5 ns (at 15pf load)
    ️· Start-up Time: <5 ms
    ️· Load: 3-47 pF
    ️· Absolute Frequency Pulling Range (APR): ±30 to ±130 ppm (depending on temperature range)
    ️· Input Current (Idd): See Table 1 for values at different frequencies
    ️· Voltage Control Range (Vc): 0 to 3.3V
    ️· Frequency Bandwidth: ≤10kHz
    ️· Input Impedance: ≥100kohm
    ️· Frequency deviation due to stability adjustment: at +25°C, long term aging 1 year
    ️· Frequency stability over T range

    ## Environmental Characteristics

    ️· Storage Temperature Range: -65 to +125°C
    ️· Vibration Resistance: 10 to 2000Hz / 80g
    ️· Shock Resistance: 10000g / 0.3ms / ½ sine

    ## Physical Specifications

    ️· Package: Ceramic 5 x 3.2 x 1.6mm
    ️· Lids: Ceramic (Kovar on version T)
    ️· Termination Option: T3 (tinned Ag/Cu/Sn, not available on all temperature ranges)

    ## Ordering Information

    ️· Standard Frequencies: 10, 12.288, 12.8, 20, 24, 24.576, 25.6 MHz (other frequencies available on request)
    ️· Part Number Format: VCXO2E V - D 20MHz T3 XXX (unique number generated for each specification)
    ️· Packaging Options:
    - 20xxxx-EA00 (ESD plastic tray)
    - 200xxx-ML00 (tape & reel)

    # VCXO2E Voltage Control Oscillator

    ## Product Overview

    ️· Package: 5x3.2 mm ceramic
    ️· Frequency Range: 5 to 40 MHz
    ️· Temperature Range: -10 to 210°C (depending on version)
    ️· Lead-free & RoHS Compliant: Yes
    ️· Application: Surface mount using infrared, vapor phase or epoxy techniques (Downhole, Avionics, Firefighter, Geothermal)
    ️· Supply: Trays (128 pcs / tray) or 12mm tapes (250/1000 pcs)
    ️· Swiss Made Quality
    ️· Custom Specifications Available

    ## Electrical Characteristics

    ️· Supply Voltage: 3.3V ± 5%
    ️· Output Signal: HC-MOS compatible
    ️· Symmetry: 40/60% at Vdd/2
    ️· Rise/Fall Time: ≤5 ns (at 15pf load)
    ️· Start-up Time: <5 ms
    ️· Load: 3-47 pF
    ️· Absolute Frequency Pulling Range (APR): ±30 to ±130 ppm (depending on temperature range)
    ️· Input Current (Idd): See Table 1 for values at different frequencies
    ️· Voltage Control Range (Vc): 0 to 3.3V
    ️· Frequency Bandwidth: ≤10kHz
    ️· Input Impedance: ≥100kohm
    ️· Frequency deviation due to stability adjustment: at +25°C, long term aging 1 year
    ️· Frequency stability over T range

    ## Environmental Characteristics

    ️· Storage Temperature Range: -65 to +125°C
    ️· Vibration Resistance: 10 to 2000Hz / 80g
    ️· Shock Resistance: 10000g / 0.3ms / ½ sine

    ## Physical Specifications

    ️· Package: Ceramic 5 x 3.2 x 1.6mm
    ️· Lids: Ceramic (Kovar on version T)
    ️· Termination Option: T3 (tinned Ag/Cu/Sn, not available on all temperature ranges)

    ## Ordering Information

    ️· Standard Frequencies: 10, 12.288, 12.8, 20, 24, 24.576, 25.6 MHz (other frequencies available on request)
    ️· Part Number Format: VCXO2E V - D 20MHz T3 XXX (unique number generated for each specification)
    ️· Packaging Options:
    - 20xxxx-EA00 (ESD plastic tray)
    - 200xxx-ML00 (tape & reel)

    Part No.VCXO2EV-R24T3
    ManufacturerMICROCRYSTAL
    Size338 Kbytes
    Pages2 pages
    DescriptionDownhole and Well drilling equipments