| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about XC62FP3001LB Datasheet
# Example questions:
➢ How does increasing the output current generally affect the input/output voltage differential for the xc62fp5002 (5v) device?
➢ What is the typical operating temperature range shown in the graphs for the xc62fp3002 (3v) device when measuring input/output voltage differential?
➢ For the xc62fp2002 (2v) device, what is the approximate input/output voltage differential at an output current of 100ma at a temperature of 85°c?
# XC62FP Series Voltage Regulators
## General Description
The XC62FP series is a group of positive voltage output, three-pin regulators designed for high current operation even with small input/output voltage differentials. They feature low power consumption, high accuracy achieved through CMOS and laser trimming technologies.
## Features
️· Output Voltage Range: 2.0V ~ 6.0V in 0.1V increments (1.5V ~ 1.9V for custom products)
️· Output Accuracy: ±2% (±1% for semi-custom products)
️· Low Power Consumption: Typ. 2.0µA @ VOUT=5.0V
️· Output Voltage Temperature Characteristics: Typ. ±100ppm/°C
️· Input Stability: Typ. 0.2%/V
️· Small Input-Output Differential: 0.12V @ 100mA, 0.38V @ 200mA
️· Maximum Output Current: 250mA (VOUT=5.0V)
️· Packages: SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW)
## Applications
️· Battery Powered Equipment
️· Palmtops
️· Portable Cameras and Video Recorders
️· Reference Voltage Sources
## Ordering Information
The part number follows the format: XC62FP a b c d e f, where:
️· a: Polarity of Output Voltage (P: +)
️· b: Output Voltage (30=3.0V, 50=5.0V)
️· c: Temperature Coefficients (0=±100ppm)
️· d: Output Voltage Accuracy (1=±1.0%, 2=±2.0%)
️· e: Package Type (M=SOT-23, P=SOT-89, T=TO-92 Standard, L=TO-92 Custom)
️· f: Device Orientation (R=Embossed Tape Standard, L=Embossed Tape Reverse, H=Paper Tape TO-92, B=Bag TO-92)
## Absolute Maximum Ratings
️· Input Voltage: 12V
️· Output Current: 500mA
️· Continuous Power Dissipation: 150mW (SOT-23), 500mW (SOT-89), 300mW (TO-92)
️· Operating Ambient Temperature: -40°C ~ +85°C
️· Storage Temperature: -40°C ~ +125°C
## Electrical Characteristics (Example: XC62FP5002 - 5V version)
️· Output Voltage: 5.0V (Typ)
️· Maximum Output Current: 250mA
️· Load Stability: 40-80mV (Typ)
️· Input/Output Voltage Differential: 0.12V @ 100mA, 0.38V @ 200mA
## Test Circuits & Performance Characteristics (Graphical Data Available for):
️· Output Voltage vs. Output Current
️· Input/Output Voltage Differential vs. Output Current
# XC62FP Series Voltage Regulators
## General Description
The XC62FP series is a group of positive voltage output, three-pin regulators designed for high current operation even with small input/output voltage differentials. They feature low power consumption, high accuracy achieved through CMOS and laser trimming technologies.
## Features
️· Output Voltage Range: 2.0V ~ 6.0V in 0.1V increments (1.5V ~ 1.9V for custom products)
️· Output Accuracy: ±2% (±1% for semi-custom products)
️· Low Power Consumption: Typ. 2.0µA @ VOUT=5.0V
️· Output Voltage Temperature Characteristics: Typ. ±100ppm/°C
️· Input Stability: Typ. 0.2%/V
️· Small Input-Output Differential: 0.12V @ 100mA, 0.38V @ 200mA
️· Maximum Output Current: 250mA (VOUT=5.0V)
️· Packages: SOT-23 (150mW), SOT-89 (500mW), TO-92 (300mW)
## Applications
️· Battery Powered Equipment
️· Palmtops
️· Portable Cameras and Video Recorders
️· Reference Voltage Sources
## Ordering Information
The part number follows the format: XC62FP a b c d e f, where:
️· a: Polarity of Output Voltage (P: +)
️· b: Output Voltage (30=3.0V, 50=5.0V)
️· c: Temperature Coefficients (0=±100ppm)
️· d: Output Voltage Accuracy (1=±1.0%, 2=±2.0%)
️· e: Package Type (M=SOT-23, P=SOT-89, T=TO-92 Standard, L=TO-92 Custom)
️· f: Device Orientation (R=Embossed Tape Standard, L=Embossed Tape Reverse, H=Paper Tape TO-92, B=Bag TO-92)
## Absolute Maximum Ratings
️· Input Voltage: 12V
️· Output Current: 500mA
️· Continuous Power Dissipation: 150mW (SOT-23), 500mW (SOT-89), 300mW (TO-92)
️· Operating Ambient Temperature: -40°C ~ +85°C
️· Storage Temperature: -40°C ~ +125°C
## Electrical Characteristics (Example: XC62FP5002 - 5V version)
️· Output Voltage: 5.0V (Typ)
️· Maximum Output Current: 250mA
️· Load Stability: 40-80mV (Typ)
️· Input/Output Voltage Differential: 0.12V @ 100mA, 0.38V @ 200mA
## Test Circuits & Performance Characteristics (Graphical Data Available for):
️· Output Voltage vs. Output Current
️· Input/Output Voltage Differential vs. Output Current
| Part No. | XC62FP3001LB |
| Manufacturer | TOREX |
| Size | 293 Kbytes |
| Pages | 16 pages |
| Description | Positive Voltage Regulators |