データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WMAPU10 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WMAPU10 Datasheet

  • # Example questions: ➢ What safety and compliance certifications does the wmapu10 series have?
    ➢ What is the operating temperature range for the wmapu10 series, and how does temperature affect the load capacity?
    ➢ What are the available output connector options for the wmapu10 series?

  • Part No.WMAPU10
    ManufacturerWALL
    Size282 Kbytes
    Pages4 pages
    Description8~10 Watts AC/DC Wall Mount Power Supplies
    Datasheet Summary with AI

    # WMAPU10 Series AC/DC Power Supplies

    ## Features
    · Class II
    · RoHS Compliant
    · 10 Watts Output Power
    · 85% High Efficiency
    · Energy Star 2.0, Efficiency Level VI
    · 90-264VAC Input Voltage Range
    · 100% Burn-In Tested
    · 2 Prong Plug-in Mains Connector
    · Single Outputs: 5VDC to 48VDC
    · Operating Temperature: -40°C to +70°C
    · FCC Class B Emission Limits
    · UL/cUL (UL 60950-1: 2nd ed.) & TUV/GS (EN 60950-1: 2nd ed.) Safety Approvals
    · Optional Output Connectors Available

    ## Description
    · Provides 10 Watts continuous output power.
    · Package size: 2.20 x 1.73 x 1.08 inches (56.0 x 44.0 x 27.5 mm)
    · Weight: 3.17oz (90g)
    · UL 94V-1, RoHS, and CEC & Energy Star Level VI compliant
    · Meets CE requirements and FCC class B emission limits.

    ## Model Selection Table (Examples)
    Model Number Input Voltage Range Output Voltage Output Current
    WMAPU10-102 90 ~ 264VAC 5 ~ 5.99 VDC 1.60 ~ 1.33 A
    WMAPU10-103 90 ~ 264VAC 6.5 ~ 8 VDC 1.33 ~ 1.00 A
    WMAPU10-104 90 ~ 264VAC 8 ~ 11 VDC 1.25 ~ 0.90 A
    WMAPU10-111 90 ~ 264VAC 40 ~ 48 VDC 0.25 ~ 0.20 A

    ## Notes
    1. Output voltage is customer-specified within the stated range.
    2. AWG cable specifications depend on the model (AWG#20/4FT for WMAPU10A-102~105, AWG#24/4FT for WMAPU10A-106~111). Different cables may affect performance.
    3. Optional output connectors are available.

    ## Technical Specifications
    · Input Voltage: 100-240 VAC
    · Input Frequency: 47-63 Hz
    · Output Power: See Model Selection Table
    · Operating Temperature: -40°C to +70°C
    · Cooling: Free air convection
    · MTBF: 100,000 hours
    · Dimensions: 2.20 x 1.73 x 1.08 inches (56.0 x 44.0 x 27.5 mm)

    # WMAPU10 Series AC/DC Power Supplies

    ## Features
    · Class II
    · RoHS Compliant
    · 10 Watts Output Power
    · 85% High Efficiency
    · Energy Star 2.0, Efficiency Level VI
    · 90-264VAC Input Voltage Range
    · 100% Burn-In Tested
    · 2 Prong Plug-in Mains Connector
    · Single Outputs: 5VDC to 48VDC
    · Operating Temperature: -40°C to +70°C
    · FCC Class B Emission Limits
    · UL/cUL (UL 60950-1: 2nd ed.) & TUV/GS (EN 60950-1: 2nd ed.) Safety Approvals
    · Optional Output Connectors Available

    ## Description
    · Provides 10 Watts continuous output power.
    · Package size: 2.20 x 1.73 x 1.08 inches (56.0 x 44.0 x 27.5 mm)
    · Weight: 3.17oz (90g)
    · UL 94V-1, RoHS, and CEC & Energy Star Level VI compliant
    · Meets CE requirements and FCC class B emission limits.

    ## Model Selection Table (Examples)
    Model Number Input Voltage Range Output Voltage Output Current
    WMAPU10-102 90 ~ 264VAC 5 ~ 5.99 VDC 1.60 ~ 1.33 A
    WMAPU10-103 90 ~ 264VAC 6.5 ~ 8 VDC 1.33 ~ 1.00 A
    WMAPU10-104 90 ~ 264VAC 8 ~ 11 VDC 1.25 ~ 0.90 A
    WMAPU10-111 90 ~ 264VAC 40 ~ 48 VDC 0.25 ~ 0.20 A

    ## Notes
    1. Output voltage is customer-specified within the stated range.
    2. AWG cable specifications depend on the model (AWG#20/4FT for WMAPU10A-102~105, AWG#24/4FT for WMAPU10A-106~111). Different cables may affect performance.
    3. Optional output connectors are available.

    ## Technical Specifications
    · Input Voltage: 100-240 VAC
    · Input Frequency: 47-63 Hz
    · Output Power: See Model Selection Table
    · Operating Temperature: -40°C to +70°C
    · Cooling: Free air convection
    · MTBF: 100,000 hours
    · Dimensions: 2.20 x 1.73 x 1.08 inches (56.0 x 44.0 x 27.5 mm)

    Part No.WMAPU10
    ManufacturerWALL
    Size282 Kbytes
    Pages4 pages
    Description8~10 Watts AC/DC Wall Mount Power Supplies